Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VXG Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # VXG
Description  LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

VXG Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  VXG Datasheet HTML 1Page - RUBYCON CORPORATION VXG Datasheet HTML 2Page - RUBYCON CORPORATION VXG Datasheet HTML 3Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WV
φD
Cap(
μF)
5600
6800
8200
10000
12000
15000
18000
22000
27000
33000
39000
47000
56000
10
16
φ22
φ25
φ30
φ35
φ22
φ25
φ30
φ35
WV
φD
Cap(
μF)
5600
4700
3900
3300
2700
6800
8200
10000
12000
15000
18000
22000
27000
25
35
φ22
φ25
φ30
φ35
φ22
φ25
φ30
φ35
WV
φD
Cap(
μF)
5600
6800
8200
10000
12000
1500
1200
1000
1800
2200
2700
3300
3900
4700
50
63
φ22
φ25
φ30
φ35
φ22
φ25
φ30
φ35
WV
φD
Cap(
μF)
560
680
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
80
100
φ22
φ25
φ30
φ35
φ22
φ25
φ30
φ35
22×25
22×30
22×35
22×40
22×45
25×25
25×30
25×35
25×40
25×45
25×50
30×25
30×30
30×30
30×35
30×40
30×45
30×50
35×30
35×35
35×40
35×45
35×50
22×25
22×30
22×30
22×35
22×40
22×45
25×25
25×30
25×35
25×40
25×45
25×50
30×25
30×30
30×35
30×40
30×45
30×50
35×30
35×30
35×35
35×40
35×45
35×50
22×25
22×30
22×35
22×40
22×45
22×50
25×25
25×30
25×35
25×40
25×45
30×25
30×30
30×35
30×40
30×45
30×50
35×30
35×30
35×35
35×40
35×50
22×25
22×30
22×35
22×40
22×45
22×50
25×25
25×30
25×35
25×40
25×45
30×25
30×30
30×35
30×40
30×45
35×30
35×35
35×40
35×45
22×25
22×25
22×30
22×35
22×40
22×45
25×25
25×30
25×30
25×35
25×40
25×45
30×25
30×30
30×30
30×35
30×40
30×50
35×30
35×35
35×40
35×45
35×50
22×25
22×25
22×30
22×35
22×40
22×45
25×25
25×30
25×30
25×35
25×40
25×45
30×25
30×30
30×30
30×35
30×40
30×45
35×30
35×35
35×40
35×45
35×50
22×25
22×30
22×35
22×40
22×45
25×25
25×30
25×35
25×45
30×25
30×25
30×30
30×35
30×40
30×45
35×30
35×35
35×40
35×45
35×50
22×25
22×30
22×35
22×40
22×45
22×50
25×25
25×30
25×35
25×40
25×45
30×25
30×30
30×30
30×35
30×40
30×45
35×30
35×35
35×40
35×45
35×50
1.36
1.65
1.85
2.12
2.40
1.82
2.11
2.32
2.59
3.01
3.43
2.14
2.37
2.73
3.13
3.53
3.78
4.58
3.05
3.49
3.96
4.60
5.06
1.44
1.66
1.79
2.08
2.36
2.69
1.67
2.07
2.37
2.72
3.06
3.39
2.13
2.54
3.02
3.46
3.88
4.33
3.09
3.31
3.85
4.33
4.96
5.49
1.31
1.55
1.77
2.02
2.27
2.56
1.56
1.88
2.18
2.53
2.79
1.92
2.38
2.70
3.13
3.52
3.92
2.76
3.00
3.50
3.95
4.72
1.29
1.54
1.77
2.01
2.25
2.49
1.55
1.87
2.18
2.45
2.80
1.80
2.28
2.69
3.04
3.38
2.78
3.30
3.88
4.40
1.21
1.28
1.52
1.77
2.02
2.27
1.46
1.76
1.87
2.20
2.43
2.72
1.72
2.09
2.22
2.58
3.01
3.63
2.35
2.91
3.36
3.79
4.06
1.10
1.17
1.41
1.62
1.85
2.10
1.38
1.63
1.75
2.03
2.33
2.58
1.66
2.01
2.15
2.46
2.82
3.22
2.31
2.77
3.20
3.61
3.94
1.09
1.29
1.48
1.70
1.91
1.32
1.74
1.86
2.22
1.58
1.68
2.02
2.50
2.69
2.94
2.18
2.60
3.00
3.44
3.72
1.01
1.19
1.33
1.56
1.76
2.00
1.26
1.52
1.76
2.03
2.29
1.47
1.76
1.89
2.19
2.52
2.86
2.05
2.48
2.87
3.25
3.56
◆STANDARD SIZE
Case Size φD×L(mm)
Ripple Current (A r.m.s./120Hz, 105℃)
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
VXG



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com