Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VXG Datasheet(PDF) 3 Page - RUBYCON CORPORATION

Part # VXG
Description  LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

VXG Datasheet(HTML) 3 Page - RUBYCON CORPORATION

  VXG Datasheet HTML 1Page - RUBYCON CORPORATION VXG Datasheet HTML 2Page - RUBYCON CORPORATION VXG Datasheet HTML 3Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
WV
φD
Cap(
μF)
2200
270
330
390
470
560
680
820
1000
1200
1500
1800
200
220
φ22
φ25
φ30
φ35
φ22
φ25
φ30
φ35
680
820
1000
1200
1500
WV
φD
Cap(
μF)
220
180
150
120
100
82
270
330
390
470
560
400
φ22
φ25
φ30
φ35
WV
φD
Cap(
μF)
220
180
150
120
100
82
270
330
390
470
560
450
φ22
φ25
φ30
φ35
1.09
1.31
2.85
3.14
2.34
2.60
2.26
1.32
1.54
1.75
1.96
2.15
1.27
1.54
1.54
1.79
2.03
2.06
2.22
2.56
1.93
1.46
1.77
1.04
3.04
2.51
2.75
2.16
2.37
1.26
1.47
1.64
1.86
2.05
1.21
1.47
1.71
1.94
1.99
2.26
2.48
2.50
1.89
2.15
1.41
1.71
0.64
0.74
0.79
1.55
1.89
2.19
0.92
1.05
1.28
0.79
0.95
1.10
1.12
1.40
1.55
1.72
1.78
1.98
1.35
1.53
0.97
1.17
1.36
0.73
0.60
0.84
0.97
0.72
0.87
0.89
1.03
1.17
1.43
0.90
1.08
1.10
1.28
1.45
1.75
1.04
1.25
1.66
1.43
22×25
22×30
25×25
25×30
25×30
30×25
30×30
35×30
1.59
35×25
35×35
35×40
35×45
35×50
30×35
30×40
30×45
25×35
25×40
25×45
22×30
22×35
22×40
22×45
22×50
22×25
25×25
25×30
30×25
30×30
30×35
30×40
35×30
1.54
35×25
35×35
35×40
35×40
35×50
30×45
30×50
25×35
25×40
25×45
25×50
22×30
22×35
22×40
22×45
22×50
250
φ22
φ25
φ30
φ35
0.97
1.18
1.37
2.39
2.39
2.92
2.62
2.04
2.24
1.56
1.74
1.92
1.14
1.38
1.61
1.83
1.90
2.15
1.81
2.38
1.80
1.34
1.63
22×25
22×30
25×25
25×30
25×35
30×25
30×30
30×35
30×40
35×30
1.48
35×25
35×30
35×35
35×40
35×50
30×45
30×50
25×40
25×45
25×50
22×35
22×40
22×45
22×50
22×25
22×30
25×30
25×25
25×35
25×35
30×25
30×30
30×35
30×40
35×30
35×35
1.10
1.33
35×25
35×30
35×40
35×50
35×45
30×45
30×50
25×45
25×50
22×30
22×35
22×40
22×50
22×25
25×30
25×25
25×30
25×35
30×25
30×30
30×30
30×35
35×25
35×30
35×40
35×35
2.04
1.85
35×50
35×45
30×45
30×50
25×40
25×50
22×30
22×35
22×40
1.08
22×45
420
φ22
φ25
φ30
φ35
0.61
0.74
0.98
1.09
1.21
1.64
1.81
2.07
1.71
0.86
0.90
1.05
1.19
1.34
1.47
1.45
1.68
1.27
0.93
1.12
1.30
0.75
22×25
25×25
25×30
25×35
30×25
30×30
30×35
35×30
1.05
35×25
35×35
35×40
35×40
35×50
30×40
30×45
30×50
25×40
25×45
22×40
22×30
22×35
22×45
22×50
WV
φD
Cap(
μF)
500
φ22
φ25
φ30
φ35
◆STANDARD SIZE
Case Size φD×L(mm)
Ripple Current (A r.m.s./120Hz, 105℃)
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
VXG
47
56
68
82
100
120
150
180
220
270
330
390
470
22×25
22×30
22×30
22×35
22×40
22×50
0.44
0.51
0.56
0.68
0.77
0.87
25×25
25×30
25×35
25×35
25×45
25×50
0.55
0.64
0.74
0.81
0.97
1.10
30×25
30×25
30×30
30×35
30×40
30×45
0.63
0.69
0.81
0.96
1.07
1.22
35×25
35×30
35×30
35×40
35×40
35×45
35×55
35×60
0.78
0.92
1.00
1.21
1.32
1.50
1.73
1.92



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com