Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5907 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP5907
Description  ULTRA LOW NOISE, 250-mA LINEAR REGULATOR FOR RF AND ANALOG CIRCUITS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5907 Datasheet(HTML) 4 Page - Texas Instruments

  LP5907 Datasheet HTML 1Page - Texas Instruments LP5907 Datasheet HTML 2Page - Texas Instruments LP5907 Datasheet HTML 3Page - Texas Instruments LP5907 Datasheet HTML 4Page - Texas Instruments LP5907 Datasheet HTML 5Page - Texas Instruments LP5907 Datasheet HTML 6Page - Texas Instruments LP5907 Datasheet HTML 7Page - Texas Instruments LP5907 Datasheet HTML 8Page - Texas Instruments LP5907 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
LP5907
SNVS798D – APRIL 2012 – REVISED NOVEMBER 2012
www.ti.com
ELECTRICAL CHARACTERISTICS
(1) (2) (3)
Limits in standard typeface are for TA = 25°C. Limits in boldface type apply over the full operating junction temperature range
(–40°C
≤ TJ ≤ +125°C). Unless otherwise noted, specifications apply to LP5907 (all packages) Typical Application Circuit (pg.
1) with:
VIN = VOUT (NOM) + 1 V, VEN = 1.2 V, CIN = 1 µF, COUT = 1 µF, IOUT = 1 mA.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage
2.2
5.5
V
VIN = (VOUT(NOM) + 1 V) to 5.5 V,
–2
2
IOUT = 1 mA to 200 mA
Output voltage tolerance
%
VIN = (VOUT(NOM) + 1 V) to 5.5 V,
IOUT = 1 mA to 200 mA
-3
3
ΔVOUT
(VOUT < 1.8V, SOT23)
VIN = (VOUT(NOM) + 1 V) to 5.5 V,
Line regulation
0.02
%/V
IOUT = 1 mA
Load regulation
IOUT = 1 mA to 250 mA
0.001
%/mA
Load current
See (4)
ILOAD
mA
Maximum output current
250
VEN = 1.2 V, IOUT = 0 mA
12
25
IQ
Quiescent current(5)
VEN = 1.2 V, IOUT = 250 mA
250
425
µA
VEN = 0.3 V (Disabled)
0.2
1
IG
Ground current(6)
IOUT = 0 mA (VEN = 1.2 V)
14
µA
VOUT = 2.8 V, IOUT = 100 mA
50
VOUT = 2.8 V, IOUT = 250 mA
120
200
VDO
Dropout voltage(7)
mV
VOUT = 2.8 V, IOUT = 250 mA (SOT23
250
package)
ISC
Short circuit current limit
See (8)
250
500
mA
f = 100 Hz, IOUT = 20 mA
90
f = 1 kHz, IOUT = 20 mA
82
Power supply rejection
PSRR
dB
ratio(9)
f = 10 kHz, IOUT = 20 mA
65
f = 100 kHz, IOUT = 20 mA
60
IOUT = 1 mA
10
eN
Output noise voltage(9)
BW = 10 Hz to 100 kHz
µVRMS
IOUT = 250 mA
6.5
Temperature
160
TSHUTDOWN
Thermal shutdown
°C
Hysteresis
15
LOGIN INPUT THRESHOLDS
VIL
Low input threshold (VEN)
VIN = 2.2 V to 5.5 V
0.4
V
VIH
High input threshold (VEN)
VIN = 2.2 V to 5.5 V
1.2
V
VEN = 5.5 V and VIN = 5.5 V
5.5
IEN
Input current at VEN Pin
(10)
µA
VEN = 0 V and VIN = 5.5 V
0.001
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Min and Max limits are ensured by design, test, or statistical analysis. Typical numbers are not guaranteed, but do represent the most
likely norm.
(3)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP =
125°C), the maximum power dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the
part/package in the application
θJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (θJA × PD-MAX). See applications section.
(4)
The device maintains a stable, regulated output voltage without a load current.
(5)
Quiescent current is defined here as the difference in current between the input voltage source and the load at VOUT.
(6)
Ground current is defined here as the total current flowing to ground as a result of all input voltages applied to the device.
(7)
Dropout voltage is the voltage difference between the input and the output at which the output voltage drops to 100 mV below its
nominal value.
(8)
Short Circuit Current is measured with VOUT pulled to 0 V and VIN worst case = 6 V.
(9)
This specification is ensured by design.
(10) There is a 1-M
Ω resistor between VEN and ground on the device.
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: LP5907



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com