Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5907 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP5907
Description  ULTRA LOW NOISE, 250-mA LINEAR REGULATOR FOR RF AND ANALOG CIRCUITS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5907 Datasheet(HTML) 1 Page - Texas Instruments

  LP5907 Datasheet HTML 1Page - Texas Instruments LP5907 Datasheet HTML 2Page - Texas Instruments LP5907 Datasheet HTML 3Page - Texas Instruments LP5907 Datasheet HTML 4Page - Texas Instruments LP5907 Datasheet HTML 5Page - Texas Instruments LP5907 Datasheet HTML 6Page - Texas Instruments LP5907 Datasheet HTML 7Page - Texas Instruments LP5907 Datasheet HTML 8Page - Texas Instruments LP5907 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
VIN
VEN
GND
VOUT
OUTPUT
1.0 PF
1.0 PF
INPUT
ENABLE
GND
LP5907
SVA-30180501
LP5907
www.ti.com
SNVS798D – APRIL 2012 – REVISED NOVEMBER 2012
ULTRA LOW NOISE, 250-mA LINEAR REGULATOR FOR RF AND ANALOG CIRCUITS -
REQUIRES NO BYPASS CAPACITOR
Check for Samples: LP5907
1
FEATURES
•
Stable with 1-µF Ceramic Input and Output
PACKAGE
Capacitors
•
4-Bump Ultra-Thin Micro SMD (Lead Free):
•
No Noise Bypass Capacitor Required
0.35-mm Pitch, 0.65 mm × 0.65 mm × 0.40 mm
•
Remote Output Capacitor Placement
•
5-Pin SOT23 (Lead Free):
2.92 mm x 1.6 mm x 1 mm
•
Thermal-overload and Short-circuit Protection
•
–40°C to +125°C Junction Temperature Range
xxx
for Operation
xxx
APPLICATIONS
Typical Application Circuit
•
Cellular Phones
•
PDA Handsets
•
Wireless LAN Devices
KEY SPECIFICATIONS
•
Input Voltage Range: 2.2 V to 5.5 V
•
Output Voltage Range: 1.2 V to 4.5 V
•
Output Current: 250 mA
•
Low Output Voltage Noise: <10 µVRMS
•
PSRR: 82 dB at 1 kHz
•
Output Voltage Tolerance: ±2%
•
Virtually Zero IQ (Disabled): <1 µA
•
Very Low IQ (Enabled): 12 µA
•
Startup Time: 80 µs
•
Low Dropout: 120 mV Typical
DESCRIPTION
The LP5907 is a linear regulator capable of supplying 250-mA output current. Designed to meet the requirements
of RF and analog circuits, the LP5907 device provides low noise, high PSRR, low quiescent current, and low line
or load transient response figures. Using new innovative design techniques, the LP5907 offers class-leading
noise performance without a noise bypass capacitor and the ability for remote output capacitor placement.
The device is designed to work with a 1-µF input and a 1-µF output ceramic capacitor (no bypass capacitor is
required).
The device is available in an ultra-thin micro SMD package as well as a 5-pin SOT23 package. This device is
available between 1.2 V and 4.5 V in 25-mV steps. Please contact Texas Instruments Sales for specific voltage
option needs.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP5907

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5907 TI1-LP5907 Datasheet
774Kb / 13P
Ultra Low-Noise, 250 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
LP5907 TI1-LP5907 Datasheet
1Mb / 36P
Ultralow-Noise, 250-mA Linear Regulator
LP5907 TI1-LP5907 Datasheet
1Mb / 36P
250-mA Ultra-Low-Noise, Low-IQ LDO
LP5907 TI1-LP5907 Datasheet
1Mb / 36P
250-mA Ultra-Low-Noise, Low-IQ LDO
LP5907 TI1-LP5907 Datasheet
1Mb / 31P
250-mA, Ultra-Low-Noise, Low-IQ LDO
More results

Similar Description - LP5907

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP5900 NSC-LP5900 Datasheet
645Kb / 10P
Ultra Low Noise, 100 mA Linear Regulator for RF/Analog Circuits Requires No Bypass Capacitor
LP8900 NSC-LP8900 Datasheet
351Kb / 14P
Ultra Low Noise, Dual 200mA Linear Regulator for RF/Analog Circuits
logo
Texas Instruments
LP5904 TI1-LP5904 Datasheet
4Mb / 17P
Ultra Low Noise, 200 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
LP5907 TI1-LP5907 Datasheet
774Kb / 13P
Ultra Low-Noise, 250 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
logo
ON Semiconductor
NCP160 ONSEMI-NCP160 Datasheet
800Kb / 20P
250 mA, Ultra-Low Noise and High PSRR LDO Regulator for RF and Analog Circuits
May, 2015 ??Rev. 6
logo
Texas Instruments
LP5907_15 TI-LP5907_15_15 Datasheet
1Mb / 36P
LP5907 Ultra Low-Noise, 250-mA Linear Regulator for RF and Analog Circuits - Requires No Bypass Capacitor
LP5904 TI-LP5904_15 Datasheet
1Mb / 23P
Ultra Low Noise, 200 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
LP5907-Q1 TI-LP5907-Q1_15 Datasheet
1Mb / 23P
LP5907-Q1 Ultra Low-Noise, 250-mA Linear Regulator for RF and Analog Circuits - Requires No Bypass Capacitor
LP5910 TI-LP5910_15 Datasheet
994Kb / 27P
LP5910 Ultra-Low-Noise, 300-mA Linear Regulator for RF and Analog Circuits - Requires No Bypass Capacitor
LP8900 TI-LP8900_15 Datasheet
1Mb / 23P
LP8900 Ultra-Low-Noise, Dual 200-mA Linear Regulator For RF and Analog Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com