Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5907 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP5907
Description  ULTRA LOW NOISE, 250-mA LINEAR REGULATOR FOR RF AND ANALOG CIRCUITS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5907 Datasheet(HTML) 5 Page - Texas Instruments

  LP5907 Datasheet HTML 1Page - Texas Instruments LP5907 Datasheet HTML 2Page - Texas Instruments LP5907 Datasheet HTML 3Page - Texas Instruments LP5907 Datasheet HTML 4Page - Texas Instruments LP5907 Datasheet HTML 5Page - Texas Instruments LP5907 Datasheet HTML 6Page - Texas Instruments LP5907 Datasheet HTML 7Page - Texas Instruments LP5907 Datasheet HTML 8Page - Texas Instruments LP5907 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
LP5907
www.ti.com
SNVS798D – APRIL 2012 – REVISED NOVEMBER 2012
ELECTRICAL CHARACTERISTICS
(1)(2)(3) (continued)
Limits in standard typeface are for TA = 25°C. Limits in boldface type apply over the full operating junction temperature range
(–40°C
≤ TJ ≤ +125°C). Unless otherwise noted, specifications apply to LP5907 (all packages) Typical Application Circuit (pg.
1) with:
VIN = VOUT (NOM) + 1 V, VEN = 1.2 V, CIN = 1 µF, COUT = 1 µF, IOUT = 1 mA.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TRANSIENT CHARACTERISTICS
VIN = (VOUT(NOM) + 1 V) to (VOUT(NOM) + 1.6 V)
–1
in 30 µs, IOUT = 1 mA
Line transient(11)
mV
VIN = (VOUT(NOM) + 1.6 V) to (VOUT(NOM) + 1 V)
1
in 30 µs, IOUT = 1 mA
ΔVOUT
IOUT = 1mA to 200 mA in 10 µs
–40
Load transient(11)
mV
IOUT = 200 mA to 1mA in 10 µs
40
Overshoot on startup(11)
Stated as a percentage of nominal VOUT
5
%
Turn-on time
To 95% of VOUT(NOM)
80
150
µs
(11) This specification is ensured by design.
OUTPUT AND INPUT CAPACITORS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN(1)
TYP
MAX
UNIT
CIN
Input capacitance(2)
0.7
1
Capacitance for stability
µF
COUT
Output capacitance(2)
0.7
1
10
ESR
Output/Input capacitance(2)
5
500
m
Ω
(1)
Note: The minimum capacitance should be greater than 0.5
μF over the full range of operating conditions. The capacitor tolerance
should be 30% or better over the full temperature range. The full range of operating conditions for the capacitor in the application should
be considered during device selection to ensure this minimum capacitance specification is met. X7R capacitors are recommended
however capacitor types X5R, Y5V and Z5U may be used with consideration of the application and conditions.
(2)
This specification is guaranteed by design.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP5907



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com