Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2520 Datasheet(PDF) 8 Page - ams AG

Part # AS2520
Description  Telephone Speech Circuit with Loudhearing and Handsfree
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2520 Datasheet(HTML) 8 Page - ams AG

Back Button AS2520 Datasheet HTML 4Page - ams AG AS2520 Datasheet HTML 5Page - ams AG AS2520 Datasheet HTML 6Page - ams AG AS2520 Datasheet HTML 7Page - ams AG AS2520 Datasheet HTML 8Page - ams AG AS2520 Datasheet HTML 9Page - ams AG AS2520 Datasheet HTML 10Page - ams AG AS2520 Datasheet HTML 11Page - ams AG AS2520 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Preliminary
AS2520/21/20B/21B
Rev. 5.1
Page 8
May 1999
The speech compression allows a higher gain in the
transmit channel, i.e. the microphone gets more
sensitive at low sound pressure levels on the
microphone, which enables the user to move further
away from the telephone. This means that a constant
signal is provided on the line practical independent of
the microphone signal level. Any reduction of gain by
the
compressor
in
the
transmit
channel
will
automatically be given to the receive channel.
Switching Converter
The ac ringing signal is utilised to extract the power
necessary to the tone ringer circuit. A switch mode
power supply is used to obtain a high efficiency dc
conversion.
This
approach
allows
the
use
of
the
same
loudspeaker and amplifiers for both loudhearing and
tone ringing. It also allows an acoustic feedback of
the melodies during programming with the same
sound pressure level as during ringing.
When a ringing signal is applied, PD is pulled high
and the oscillator is enabled. The switching converter
is controlled by the output CM, which is turned high
and low with a duty cycle controlled by the voltage at
V
PP.
When off-hook the switching converter has a high
impedance (CM low) to avoid any influence on the
transmission and on pulse dialling.
The smoothing capacitor should be in the range of 10
to 68 nF. The choke coil must have an inductance of
>1mH and a dc resistance of < 15 ohm.
CM
VPP
VssP
2.2 mH
BC
327
470 µ
La
Lb
1µ5
1µ5
510
510
5k6
33 n
10 k
5V1
VPP
BC
547
30V
Figure 7: Switching Converter
Tone Input
The tone input is a digital input in ringing mode and
during melody feedback. The digital melody signal
(PDM = pulse density modulation) is directly applied
to the TI input (see also application notes for further
details).
During DTMF dialling the DTMF signal is applied
through a capacitor to the TI input and will be fed to
the line (pin LI) and to the receive output (RO) as
confidence tone.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com