Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2520 Datasheet(PDF) 3 Page - ams AG

Part # AS2520
Description  Telephone Speech Circuit with Loudhearing and Handsfree
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2520 Datasheet(HTML) 3 Page - ams AG

  AS2520 Datasheet HTML 1Page - ams AG AS2520 Datasheet HTML 2Page - ams AG AS2520 Datasheet HTML 3Page - ams AG AS2520 Datasheet HTML 4Page - ams AG AS2520 Datasheet HTML 5Page - ams AG AS2520 Datasheet HTML 6Page - ams AG AS2520 Datasheet HTML 7Page - ams AG AS2520 Datasheet HTML 8Page - ams AG AS2520 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Preliminary
AS2520/21/20B/21B
Rev. 5.1
Page 3
May 1999
19
22
M1
M2
AI
Microphone Inputs
Differential inputs for handset microphone (electret).
20
21
M4
M3
AI
Handsfree Microphone Inputs
These are the input pins for the handsfree microphone (electret).
23
VOL
D/AI
Volume Control Input
Volume control for the receive signal.
AS2520: Digital control with +/– keys or from µC;
AS2521: Analogue dc control with potentiometer.
24
SS
AO
Supply Source Control Output
This N-channel open drain output controls the external high power source
transistor for supplying (V
PP) the loudspeaker amplifier in off-hook
loudhearing/handsfree mode.
25
CS
AO
Current Shunt Control Output
This N-channel open drain output controls the external high power shunt
transistor for the modulation of the line voltage and for shorting the line
during make period of pulse dialling.
26
V
SS
Supply
Negative Power Supply
27
LI
AI/O
Line Input
This input is used for power extraction and line current sensing.
28
RI
AI
Receive Input
This is the input for the receive signal.
DI:
Digital Input
AI:
Analogue Input
DO:
Digital Output
AO:
Analogue Output
DI/O:
Digital Input/Output
AI/O:
Analogue Input/output
Operating Modes
I/O Pins
Digital Inputs
Tone Input
Outputs
MODE
HS
LE
PD
MT
TI
CM
LI
RO
LO
Idle (on-hook)
0
0
0
0
Not connected
Low
-
PD
PD
Ringing
0
0
1
0
PDM signal to LO (DI)
SW
-
-
‘TI’
POT
1
0
0
0
Not connected
Low
‘M1/M2’
‘RI/STB’
-
POT/pulse dialling
1
0
1
1
Not connected
Low
V
BE
-
-
POT/DTMF dialling
1
0
0
1
DTMF to LI and RO (AI)
Low
‘TI’
‘TI’
-
Handsfree
0
1
0
0
Not connected
Low
‘M3/M4’
‘RI/STB’
‘LSI’
Handsfree/pulse dial
0
1
1
1
Not connected
Low
V
BE
-
Handsfree/DTMF dial
0
1
0
1
DTMF to LI and RO (AI)
Low
‘TI’
‘LSI’
Loudhearing
1
1
0
0
Not connected
Low
‘M1/M2’
‘RI/STB’
‘LSI’
Loudhearing/pulse dial
1
1
1
1
Not connected
Low
V
BE
Loudhearing/DTMF dial
1
1
0
1
DTMF to LI and RO (AI)
Low
‘TI’
‘LSI’
TAM without LSP
1
0
1
0
Signal to LI (AI)
Low
‘RI/STB’
TAM with LSP
1
1
1
0
Signal to LI (AI)
Low
‘RI/STB’
‘LSI’
Melody feedback
0
1
1
0
PDM signal to LO (DI)
Low
‘RI/STB’
Test mode 1
0
0
0
1
Reserved for testing
Test mode 2
0
0
1
1
Reserved for testing
Table 1: Operating Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com