Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2520 Datasheet(PDF) 7 Page - ams AG

Part # AS2520
Description  Telephone Speech Circuit with Loudhearing and Handsfree
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2520 Datasheet(HTML) 7 Page - ams AG

Back Button AS2520 Datasheet HTML 3Page - ams AG AS2520 Datasheet HTML 4Page - ams AG AS2520 Datasheet HTML 5Page - ams AG AS2520 Datasheet HTML 6Page - ams AG AS2520 Datasheet HTML 7Page - ams AG AS2520 Datasheet HTML 8Page - ams AG AS2520 Datasheet HTML 9Page - ams AG AS2520 Datasheet HTML 10Page - ams AG AS2520 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Preliminary
AS2520/21/20B/21B
Rev. 5.1
Page 7
May 1999
This approach has some disadvantages. It requires a
high degree of discipline, since the three state
channel control gives a very distinct half duplex with
a relative high switching time constant to avoid
chopper effects. Furthermore, the system is very
sensitive to the environment,- noise, line conditions
and acoustics (echo).
Apart from keeping a distinct discipline, the user can
not do anything to minimise the effect of these
constraints, since the parameters of the voice
switching
(thresholds,
time
constants,
noise
discrimination, etc.) can not be changed or adapted
to the actual conditions by the user.
The dynamic voice control system of the AS252x
have
been
designed
to
overcome
the
above
constraints. The basic philosophy behind the AS252x
is that telephone circuits should not have any
automatic regulations preventing the user from
having all information about the actual conditions
which should enable her/him to act accordingly, i.e.
to comply with the given constraints.
Now, assuming subscriber A has a handsfree
telephone and is calling subscriber B, who has a
normal telephone. The B subscriber does not
necessarily know that A is using a handsfree
telephone and will therefore not automatically comply
to the discipline of a half duplex conversation. Hence,
the disadvantages by using half duplex should apply
to the A subscriber only.
Secondly, if A is in a noisy environment, the B
subscriber should hear it, so that he speaks up to
increase the signal-to-noise ratio at the A subscriber.
The traditional 3-state switching system has two
major drawbacks: first of all, when no one is talking,
the circuit is in idle state and the B subscriber gets
the feeling that the line is dead, since the background
noise
does
not
activate
the
voice
switching.
Secondly, the B subscriber does not speak up, since
she/he does not hear the background noise.
The concept of the AS252x, however, does not
exclude
the
human
factor,
but
provides
the
information about the actual conditions to the user
and allows her/him to act accordingly, i.e. to speak
up, to change the volume, etc.
In more technical terms, the AS252x works in the
following manner:
When no signal is applied neither from the line nor
from the microphone, the circuit is in the only static
state, which is transmit channel full open and receive
channel attenuated by up to 30 dB.
The advantages of using the transmit state as the
static (idle) state are that the B subscriber hears an
open line (the line is not dead), does not miss the
initial word of a sentence when the A subscriber
starts talking, and hears the level of the background
noise at A´s end which will actuate her/him to speak
up accordingly.
When the A subscriber starts talking, the circuit
remains in the static state.
The dynamic state of the voice switching can only be
activated by the receive signal. Applying a receive
signal above a certain level will cause the circuit to
enter the dynamic state.
VOL
ZAC
VTX
VRX
VLINE
± 10 dB
AGC
PEAK
DETECTOR
2/4
VTH
Figure 5: Channel Control System
The signal for controlling the channel attenuation is
taken after the sidetone amplifier. With the volume at
0 dB (neutral) the threshold for entering the dynamic
state (V
TH)
is 15 mV assuming that V
RX > VTX (see
figure 5).
In the dynamic state the channel attenuation is
controlled by a voltage controlled amplifier. The
attack time is 4 ms/6 dB and the hold time is 200 ms.
A speech compression is activated when a transmit
signal with a high amplitude reaches a level
corresponding to approximately 460 mV on the line.
1.50
1.25
1.00
0.75
0.50
0.25
0.00
0
50
100
150
200
250
300
Microphone Input Signal
(mV)
(mV)
Sidetone Cancellation: 11 dB
Volume Control: 0 dB (neutral)
Figure 6: Speech Compression



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com