Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2521 Datasheet(PDF) 11 Page - ams AG

Part # AS2521
Description  Telephone Speech Circuit with Loudhearing and Handsfree
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2521 Datasheet(HTML) 11 Page - ams AG

Back Button AS2521 Datasheet HTML 6Page - ams AG AS2521 Datasheet HTML 7Page - ams AG AS2521 Datasheet HTML 8Page - ams AG AS2521 Datasheet HTML 9Page - ams AG AS2521 Datasheet HTML 10Page - ams AG AS2521 Datasheet HTML 11Page - ams AG AS2521 Datasheet HTML 12Page - ams AG AS2521 Datasheet HTML 13Page - ams AG AS2521 Datasheet HTML 14Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Preliminary
AS2520/21/20B/21B
Rev. 5.1
Page 11
May 1999
Receive
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
A
RX
Gain (LS to RO), Default
LSP Gain (LSI to LO)
Volume reset
1.5
17.5
3
19
4.5
20.5
dB
dB
∆A
TX/F
Variation with Frequency
f = 500 Hz to 3.4 kHz
+/- 0.8
dB
A
LLC
Gain Range, LLC
Speech mode; LLC = V
SS or VDD
-6
dB
A
RX
Volume Range
10 steps, each 2 dB
20
dB
THD
Distortion
V
RI < 0.2 VRMS
2
%
V
SC
A
SCO
Soft Clip Level (RO)
Soft Clip Level (LO)
Soft Clip Overdrive
V
RO =
Not AS2520B/21B; V
LO =
Unloaded
1
1.3
30
V
PEAK
V
PEAK
dB
V
RTH
A
AD
t
DECAY
t
DECAY
Threshold Voltage at RTH
Attenuation Depth
Attack Time
Decay Time
Channel control; V
RI > 0.8 VRMS
Channel control
7
15
30
25
mV
dB
µs/6dB
µs/6dB
V
NO
V
UFC
Noise Output Voltage (RO)
Unwanted Frequency
Components (RO)
HS = high; T
AMB = 25°C
50 Hz.........20 kHz
-72
-60
dBmp
dBmp
Z
IN
Input Impedance, RI
8
kohm
V
IN RI
Input Voltage Range, RI
+/- 2
V
PEAK
A
ST
Sidetone Cancellation
V
RI < 0.2 VRMS; TAMB = 25°C
26
dB
Z
IN
Input Impedance, STB
80
kohm
V
IN ST
Input Voltage Range, STB
+/- 2
V
PEAK
General Timings
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
t
VOL
Volume Key Debounce
7
ms
t
SCA
Soft Clip Attack Time
V
IN above soft clip level
0.12
ms/6dB
t
SCD
Soft Clip Decay Time
V
IN below soft clip level
128
ms/6dB
t
PDA
Peak Detector Attack Time V
IN above VTH
3.2
ms/V
t
PDD
Peak Detector Decay Time V
IN below VTH
29
ms/V
t
LPA
Low-Power Attack Time
V
PP < 3.6V
250
ms/6dB
t
LPD
Low-Power Release
V
PP > 3.6V
1
sec/6dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com