Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2521 Datasheet(PDF) 2 Page - ams AG

Part # AS2521
Description  Telephone Speech Circuit with Loudhearing and Handsfree
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2521 Datasheet(HTML) 2 Page - ams AG

  AS2521 Datasheet HTML 1Page - ams AG AS2521 Datasheet HTML 2Page - ams AG AS2521 Datasheet HTML 3Page - ams AG AS2521 Datasheet HTML 4Page - ams AG AS2521 Datasheet HTML 5Page - ams AG AS2521 Datasheet HTML 6Page - ams AG AS2521 Datasheet HTML 7Page - ams AG AS2521 Datasheet HTML 8Page - ams AG AS2521 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Preliminary
AS2520/21/20B/21B
Rev. 5.1
Page 2
May 1999
Pin Description
Pin #
Name
Type
Description
1
LS
AI
Line Current Sense Input
This input is used for sensing the line current.
2
CI
AI
Complex Impedance Input
Input pin for the capacitor in the complex impedance.
3
RO
AO
Receive Output
This is the output for driving a dynamic earpiece with an impedance of 140
to 300 ohm.
4
V
DD
Supply
Positive Voltage Supply
This is the supply pin for the circuit.
5
A
GND
Supply
Analogue Ground
This pin is the analogue ground for the amplifiers.
6
STB
AI
Side Tone Balance Input
This is the input for the side tone cancellation network.
7
LLC
DI
Line Loss Compensation Selection Pin
LLC = V
DD:
High range
-6 dB from 45 mA to 75 mA;
LLC = A
GND:
Low range
-6 dB from 20 mA to 50 mA;
LLC = V
SS:
No regulation
gain independent of line current;
8
LSI
AO
Loudspeaker Amplifier Input
This is the input for applying the receive signal to the loudspeaker
amplifier.
9
TI
AI
DI
Tone Input
This switchable input is intended for transmitting DTMF or other signals
like messages on TAMs (Telephone Answering Machines) onto the line in
off-hook conditions and when in ringing mode to apply a PDM signal to the
loudspeaker (see also table 1).
10
RTH
AI
Receive Threshold Input
The sensibility of the receive peak detector can be adjusted by applying
the signal from RO to the RTH input through a voltage divider.
11
CM
AO
Converter Make Output
This is an output for controlling the external switching converter. It
converts the ring signal into a 4V supply voltage and is activated when PD
= high and HS, LE, MT = low.
12
V
PP
Supply
Loudspeaker Power Supply
High power supply for the output driver stage.
13
LO
AO
Output for Loudspeaker
Output pin for an ac coupled 32
Ω (25 to 50 Ω)loudspeaker.
14
V
SSP
Supply
Negative High Power Supply
This pin is the negative high power supply for the loudspeaker amplifier.
15
MT
DI
Mute Input
Dialling mute input (see also table 1).
MT = V
DD: Tx and Rx channels muted;
MT = V
SS: Tx and Rx channels not muted.
16
PD
DI
Power Down Input
Input for powering down the speech circuit and loudhearing/handsfree
(see table 1).
17
LE
DI
Loudhearing Enable Input
Input for enabling loudhearing/handsfree, active high (see table 1).
18
HS
DI
Handset Switch Input
This is an input that is pulled high by the hook switch (handset) or µC
when off-hook (see table 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com