Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2521 Datasheet(PDF) 14 Page - ams AG

Part # AS2521
Description  Telephone Speech Circuit with Loudhearing and Handsfree
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2521 Datasheet(HTML) 14 Page - ams AG

Back Button AS2521 Datasheet HTML 6Page - ams AG AS2521 Datasheet HTML 7Page - ams AG AS2521 Datasheet HTML 8Page - ams AG AS2521 Datasheet HTML 9Page - ams AG AS2521 Datasheet HTML 10Page - ams AG AS2521 Datasheet HTML 11Page - ams AG AS2521 Datasheet HTML 12Page - ams AG AS2521 Datasheet HTML 13Page - ams AG AS2521 Datasheet HTML 14Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
Preliminary
AS2520/21/20B/21B
Rev. 5.1
Page 14
May 1999
Pin Configuration
28 Pin SOP/DIP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
LS
CI
RO
VDD
AGND
STB
LLC
RTH
LSI
TI
VPP
LO
VSSP
MT
RI
LI
VSS
CS
SS
VOL
M2
M3
M4
CM
M1
HS
LE
PD
28
27
26
25
24
23
22
21
20
19
18
17
16
15
Ordering Information
Part
Number
Package
Type
Volume
Control
Soft Clip
Loudspk.
AS2520 T
28 pin
SOP
Digital
Yes
AS2520 P
28 pin DIP
Digital
Yes
AS2520B T
28 pin
SOP
Digital
No
AS2520B
P
28 pin DIP
Digital
No
AS2521 T
28 pin
SOP
Analogue
Yes
AS2521 P
28 pin DIP
Analogue
Yes
AS2521B T
28 pin
SOP
Analogue
No
AS2521B
P
28 pin DIP
Analogue
No
The devices are also available as dice on request.
Devices sold by Austria Mikro Systeme Int. AG are covered by the warranty and patent indemnification provisions appearing in
its Term of Sale. Austria Mikro Systeme Int. AG makes no warranty, express, statutory, implied, or by description regarding
the information set forth herein or regarding the freedom of the described devices from patent infringement Austria Mikro
Systeme Int. AG reserves the right to change specifications and prices at any time and without notice. Therefore, prior to
designing this product into a system, it is necessary to check with Austria Mikro Systeme Int. AG for current information. This
product is intended for use in normal commercial applications. Applications requiring extended temperature range, unusual
environmental requirements, or high reliability applications, such as military, medical life-support or life-sustaining equipment
are specifically not recommended without additional processing by Austria Mikro Systeme Int. AG for each application.
Copyright © 1999, Austria Mikro Systeme International AG, Schloss Premstätten, 8141 Unterpremstätten, Austria.
Trademarks Registered®. All rights reserved. The material herein may not be reproduced, adapted, merged, translated,
stored, or used without the prior written consent of the copyright owner.
Austria Mikro Systeme Int. AG reserves the right to change or discontinue this product without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com