Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2590P Datasheet(PDF) 8 Page - ams AG

Part # AS2590P
Description  LC DISPLAY DRIVER WITH 18 DIGITS, 6 SYMBOLS AND CLOCK/TIMER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2590P Datasheet(HTML) 8 Page - ams AG

Back Button AS2590P Datasheet HTML 4Page - ams AG AS2590P Datasheet HTML 5Page - ams AG AS2590P Datasheet HTML 6Page - ams AG AS2590P Datasheet HTML 7Page - ams AG AS2590P Datasheet HTML 8Page - ams AG AS2590P Datasheet HTML 9Page - ams AG AS2590P Datasheet HTML 10Page - ams AG AS2590P Datasheet HTML 11Page - ams AG AS2590P Datasheet HTML 12Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Data Sheet
AS2590
Rev. 1
Dec. 1993
SDA/SCL
Serial Interface
Fig. 5
f
CL
Clock Frequency
10
kHz
f
CLH
Clock High Time
50
µs
f
CLL
Clock Low Time
50
µs
f
CD
Clock Low to Data Change
20
t
CLL
ns
f
SOH
Stop Bit High Time
50
µs
f
SOL
Stop Bit Low Time
50
µs
f
HD
Data Hold Time
200
ns
f
SUSO
Clock Setup for Stop
200
ns
f
HSA
Clock Hold for Start
200
ns
f
GAP
Data High between 2 Words
100
µs
BP0…3
Back Plane Outputs
Figure 6, note 1
t
BRON
Rise Time, on
20
µs
t
BFON
Fall Time, on
20
µs
t
BROF
Rise Time, off
20
µs
t
BFOF
Fall Time, off
20
µs
t
BC
Cycle Frequency
128
Hz
S0…32
Segment Outputs
Figure 7, note 2
t
SRON
Rise Time, on
20
µs
t
SFON
Fall Time, on
20
µs
t
SROF
Rise Time, off
20
µs
t
SFOF
Fall Time, off
20
µs
t
SC
Cycle Frequency
128
Hz
t
TIMER
Timer Display Time
Note 3
5
6
sec
t
XUP
Oscillator Startup Time
R
BIAS = 2.2 MΩ
300
ms
AC Characteristics (V
DD = 3.0V; TAMB = -25 to 70 °C, unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Note 1: Loads on backplanes = 3 000 pF//10 M
Ω
Note 2: Loads on segments = 360 pF//1 M
Ω
Note 3: After BLANK ALL command and timer has been started with a valid start command, timer content is displayed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com