Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2590P Datasheet(PDF) 6 Page - ams AG

Part # AS2590P
Description  LC DISPLAY DRIVER WITH 18 DIGITS, 6 SYMBOLS AND CLOCK/TIMER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2590P Datasheet(HTML) 6 Page - ams AG

Back Button AS2590P Datasheet HTML 2Page - ams AG AS2590P Datasheet HTML 3Page - ams AG AS2590P Datasheet HTML 4Page - ams AG AS2590P Datasheet HTML 5Page - ams AG AS2590P Datasheet HTML 6Page - ams AG AS2590P Datasheet HTML 7Page - ams AG AS2590P Datasheet HTML 8Page - ams AG AS2590P Datasheet HTML 9Page - ams AG AS2590P Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Data Sheet
AS2590
Rev. 1
Dec. 1993
BP0
BP1
BP2
BP3
S0
S1
VDD
V2/3
V1/3
Vss
VDD
V2/3
V1/3
Vss
VDD
V2/3
V1/3
Vss
VDD
V2/3
V1/3
Vss
VDD
V2/3
V1/3
Vss
VDD
V2/3
V1/3
Vss
Active Backplane
BP0
BP1
BP2
BP3
on
off
off
off
off
on
on
on
to high transition of the data line while the clock line is
high followed by a negative clock pulse indicates a stop
condition (see figure 4).
SDA
SCL
START
#1
LSB
B0
B1
B2
B3
MSB
B4
STOP
#1
WORD
GAP
START
#2
Figure 4 Interface Timing
Serial Interface
The serial interface is a one way, two line link between
the dialler (AS2574) and the display driver. The two lines
are the serial data line (SDA) and the serial clock line
(SCL). The display driver can only receive data.
Word Transfer:
Data are transferred as 5 bit words with start and stop bit.
the least significant bit is sent first after the start bit. As
long as there is no data transfer, both data and clock
lines have to remain high. Also between two words both
lines have to stay high for a specified time. Figure 4
shows the timing of the serial interface.
Start and Stop Conditions:
A start condition is detected when the data line goes
from high to low while the clock line is held high. A low
Figure 3 LCD driver outputs
Table 4 Codes for Serial Interface
NO SYMBOL MSB
B3
B2
B1
LSB HEX
1
SB0-on
00101
05
2
SB0-off
00011
03
3
SB1-on
10001
11
4
SB1-off
01001
09
5
SB2-on
00111
07
6
SB2-off
11111
1F
7 SET CLOCK
01011
0B
8
START
01101
0D
9
COPY
01111
0F
10
FIFO
10011
13
11
TIMER
10101
15
12
BLANK
11101
1D
13
TEST
10111
17
14
0
11100
1C
15
1
00000
00
16
2
00100
04
17
3
00010
02
18
4
10000
10
19
5
10100
14
20
6
10010
12
21
7
01000
08
22
8
01100
0C
23
9
01010
0A
24
a
00110
06
25
b
10110
16
26
c
01110
0E
27
d
11110
1E
28
*
11000
18
29
#
11010
1A
30
11011
1B
31
P/T
11001
19
32
r
00001
01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com