Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2590P Datasheet(PDF) 11 Page - ams AG

Part # AS2590P
Description  LC DISPLAY DRIVER WITH 18 DIGITS, 6 SYMBOLS AND CLOCK/TIMER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2590P Datasheet(HTML) 11 Page - ams AG

Back Button AS2590P Datasheet HTML 4Page - ams AG AS2590P Datasheet HTML 5Page - ams AG AS2590P Datasheet HTML 6Page - ams AG AS2590P Datasheet HTML 7Page - ams AG AS2590P Datasheet HTML 8Page - ams AG AS2590P Datasheet HTML 9Page - ams AG AS2590P Datasheet HTML 10Page - ams AG AS2590P Datasheet HTML 11Page - ams AG AS2590P Datasheet HTML 12Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
Data Sheet
AS2590
Rev. 1
Dec. 1993
PinConfigurations
48 Pin DIP
148
14
VDD
MS
XTAL2
XTAL1
VBIAS
SCL
SDA
VLCD
S20
S8
S21
S22
S23
S24
BP1
BP0
S0
S1
S2
S3
S4
S7
S5
S6
S9
V1/3
S10
S25
S11
S12
S13
S14
S15
S16
S17
S18
S19
Vss
S26
S27
S28
S29
S30
S31
S32
V2/3
BP2
BP3
2
3
4
5
6
7
8
9
10
11
12
13
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
52 pin PLCC
Ordering Information:
48 pin DIP:
AS2590 P
52 pin PLCC:
AS2590 N
Applications:
For application support contact your local AMS sales
offices.
AS2590
NC
SDA
VLCD
S20
S21
S22
S23
S24
S25
S26
S27
S28
S29
S4
S5
S6
S7
S8
S9
V1/3
S10
S11
S12
S13
S14
NC
1
14
27
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com