Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3588A Datasheet(PDF) 9 Page - ams AG

Part # AS3588A
Description  DIGITAL TIME/SPACE CROSSPOINT SWITCH
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3588A Datasheet(HTML) 9 Page - ams AG

Back Button AS3588A Datasheet HTML 5Page - ams AG AS3588A Datasheet HTML 6Page - ams AG AS3588A Datasheet HTML 7Page - ams AG AS3588A Datasheet HTML 8Page - ams AG AS3588A Datasheet HTML 9Page - ams AG AS3588A Datasheet HTML 10Page - ams AG AS3588A Datasheet HTML 11Page - ams AG AS3588A Datasheet HTML 12Page - ams AG AS3588A Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Data Sheet
AS3588A
Rev. 3.1
Page 9 of 15
July 1999
Electrical Characteristics
Absolute Maximum Ratings*
Supply Voltage .................................................................................................................................. -0.3²VCC²7V
Voltage on Digital Inputs ......................................................................................................-0.3V²VIN²VCC+0.3V
Voltage on Digital Outputs............................................................................................................ Vout²VCC+0.3V
Total Package Power Dissipation ..................................................................................................................1.5W
Storage Temperature Range .......................................................................................................... -65 to +150 °C
*Exceeding these figures may cause permanent damage. Functional operation under these conditions is not permitted
Recommended Operating Conditions: Voltages are with respect to ground (VSS) unless otherwise noted
Symbol
Parameter
Condition
Min.
Typ.*
Max.
Units
VCC
Supply Voltage
4.75
5.0
5.25
V
TOP
Operating Temperature
0
+85
°C
VIN
Input Voltage
0
VDD
V
fC
Input Clock Frequency
4.096
MHz
fSYNC
Frame Sync. Frequency
8
kHz
Typical Figures are at 25 °C and are for design aid only; not guaranteed and not subject to production testing
DC Characteristics: Clocked operation over recommended temperature and voltage range
Symbol
Parameter
Condition
Min.
Typ.*
Max.
Units
VIL
Input Low Level
-0.3
0.8
V
VIH
Input High Level
2.0
VCC
V
VOL
Output Low Level
IOL=1.8 mA
0.4
V
VOH
Output High Level
IOH=250 µA
2.4
V
VOL
PCM Output Low Level
IOL=3.0 mA
0.4
V
IIL
Input Leakage Current
0V²VIN²VCC
10
µA
IDL
Data Bus Leakage Current 0V²VIN²VCC;
VCC applied; Pin35,36
to VCC after Initializing
-10
+10
µA
ICC
Operating Current
FC= 4.096 MHz
5
12
mA
Typical figures are at 25°C and are for design aid only; not guaranteed and not subject to production testing
All DC characteristics are valid 250µs after VCC and clock have been applied



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com