Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3588A Datasheet(PDF) 14 Page - ams AG

Part # AS3588A
Description  DIGITAL TIME/SPACE CROSSPOINT SWITCH
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3588A Datasheet(HTML) 14 Page - ams AG

Back Button AS3588A Datasheet HTML 7Page - ams AG AS3588A Datasheet HTML 8Page - ams AG AS3588A Datasheet HTML 9Page - ams AG AS3588A Datasheet HTML 10Page - ams AG AS3588A Datasheet HTML 11Page - ams AG AS3588A Datasheet HTML 12Page - ams AG AS3588A Datasheet HTML 13Page - ams AG AS3588A Datasheet HTML 14Page - ams AG AS3588A Datasheet HTML 15Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Data Sheet
AS3588A
Rev. 3.1
Page 14 of 15
July 1999
Read Timing Characteristics (Continued): Operation over recommended temperature and voltage range
Symbol
Parameter
Condition
Min.
Typ.*
Max.
Units
tSCDRD
C/D Setup Time to Read
Pulse Start
20
ns
tHCDRD
C/D Hold Time from Read
PulseEnd
25
ns
tSASRD
Address Select Setup Time
to Read Pulse Start
20
ns
tHASRD
Address Select Hold Time
from Read Pulse End
25
ns
tPDD
Data Delay Time
CL = 200pF
120
ns
tHZ
Delay Time to High Z
80
ns
Typical figures are at 25°C and are for design aid only; not guaranteed and not subject to production testing
Note: Because of internal clock re-synchronization, one single additional requirement is recommended in order to produce a
simultaneous instruction flow in a multi-chip configuration: The RD rising edge has to be 20 to 20 + tWL(CK) ns late relative to
clock falling edge.
CS1, CS2
C/D
WR
RD
A1=S1
A2=S2
DOUT
tWLRD
tWHRD
tFRD
tRRD
tREPRD
tSHRD
tHHRD
tSLCSRD
tHLCSRD
tSHCSRD
tHHCSRD
tSCDRD
tHCDRD
tHZ
tSASRD
tHASRD
tPDD
Figure 7 Read Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com