Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3588A Datasheet(PDF) 1 Page - ams AG

Part # AS3588A
Description  DIGITAL TIME/SPACE CROSSPOINT SWITCH
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3588A Datasheet(HTML) 1 Page - ams AG

  AS3588A Datasheet HTML 1Page - ams AG AS3588A Datasheet HTML 2Page - ams AG AS3588A Datasheet HTML 3Page - ams AG AS3588A Datasheet HTML 4Page - ams AG AS3588A Datasheet HTML 5Page - ams AG AS3588A Datasheet HTML 6Page - ams AG AS3588A Datasheet HTML 7Page - ams AG AS3588A Datasheet HTML 8Page - ams AG AS3588A Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Data Sheet
AS3588A
Rev. 3.1
Page 1 of 15
July 1999
Key Features
n
n
8-Line x 32 PCM Channel Inputs
n
n
8-Line x 32 PCM Channel Output
n
n
256 Ports Non Blocking Time/Space Crosspoint
Switch
n
n
Single Power Supply of 5V
n
n
Low Power Consumption
n
n
Microprocessor Control Interface
n
n
Open Drain Serial Outputs
n
n
CMOS Process
n
n
Simultaneous Connection/Disconnection
under
Microprocessor Control
n
n
Extraction/Insertion of Single PCM Channels
n
n
Channel Zero Extraction
General Description
AS3588A is designed for switching PCM channels
under microprocessor control in digital exchanges,
PBX or Central Office equipment. It provides a non
blocking digital switching matrix for up to 256x256
64 kbit/sec channels.
Each of the eight serial inputs and outputs consists of
32 64 kbit/sec channels multiplexed to/from a 2048
kbit/sec serial PCM bit stream.
Simultaneously it allows its controlling microprocessor
to read PCM output channels or to write to PCM
output channels.
Ordering Information
Part Number
Package
AS3588AP
40 Pin DIP
AS3588AQ
44 QFP
Block Diagramme
INP PCM0
INP PCM1
INP PCM2
INP PCM3
INP PCM4
INP PCM5
INP PCM6
INP PCM7
DATA MEMORY
256 X 8
DIN
OUT PCM0
OUT PCM1
OUT PCM2
OUT PCM3
OUT PCM4
OUT PCM5
OUT PCM6
OUT PCM7
DOUT
AD
CONNECTION
MEMORY
256 X 9
S1
A2
S2
CS1 CS2
WR
RD
C/D
DR
RES
MICROPROCESSOR INTERFACE AND CONTROL LOGIC
SYNC
CLOCK
DOUT
DIN
CM
MUX
AD
PARALLEL
SERIAL
TO
CONVERTER
A1
D0......D7
DM MUX
OD
MUX
SERIAL
TO
PARALLEL
CONVERTER
TIME BASE
CHANNEL 0
EXTRACTION
LOGIC
Figure 1: Block Diagramme
DIGITAL TIME/SPACE
CROSSPOINT SWITCH
Austria Mikro Systeme International AG


Similar Part No. - AS3588A

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS358 BCDSEMI-AS358 Datasheet
276Kb / 15P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
AS358 BCDSEMI-AS358 Datasheet
819Kb / 16P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
AS358 DIODES-AS358 Datasheet
631Kb / 19P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
Rev 5
AS358 DIODES-AS358 Datasheet
571Kb / 19P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
Rev 6
logo
BCD Semiconductor Manuf...
AS358,358A BCDSEMI-AS358,358A Datasheet
819Kb / 16P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
More results

Similar Description - AS3588A

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ8016 TRIQUINT-TQ8016 Datasheet
233Kb / 9P
1.3 Gigabit/sec 16x16 Digital ECL Crosspoint Switch
TQ8025 TRIQUINT-TQ8025 Datasheet
217Kb / 10P
2.5 Gigabit/sec 16x16 Digital Crosspoint Switch
logo
Integrated Device Techn...
IDT728985 IDT-IDT728985 Datasheet
119Kb / 13P
TIME SLOT INTERCHANGE DIGITAL SWITCH
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
Video Crosspoint Switch Video Crosspoint Switch
logo
National Semiconductor ...
CLC018 NSC-CLC018_06 Datasheet
663Kb / 17P
8 x 8 Digital Crosspoint Switch, 1.485 Gbps
logo
Omron Electronics LLC
H5S OMRON-H5S Datasheet
4Mb / 27P
Digital Time Switch
logo
Analog Devices
AD8151 AD-AD8151_15 Datasheet
1Mb / 40P
Digital Crosspoint Switch
REV. B
AD8150 AD-AD8150_15 Datasheet
756Kb / 44P
Crosspoint Switch
REV. A
AD8152 AD-AD8152_15 Datasheet
1Mb / 32P
Asynchronous Digital Crosspoint Switch
REV. A
AD8156 AD-AD8156_15 Datasheet
534Kb / 20P
Digital Crosspoint Switch with EQ
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com