Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECH8 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # ECH8
Description  N-Channel IGBT Light-Controlling Flash Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ECH8 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  ECH8 Datasheet HTML 1Page - Sanyo Semicon Device ECH8 Datasheet HTML 2Page - Sanyo Semicon Device ECH8 Datasheet HTML 3Page - Sanyo Semicon Device ECH8 Datasheet HTML 4Page - Sanyo Semicon Device ECH8 Datasheet HTML 5Page - Sanyo Semicon Device ECH8 Datasheet HTML 6Page - Sanyo Semicon Device ECH8 Datasheet HTML 7Page - Sanyo Semicon Device ECH8 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TIG065E8
No. A1862-1/8
Ordering number : ENA1862A
60612 TKIM/N2410PJ TKIM TC-00002514
SANYO Semiconductors
DATA SHEET
http://semicon.sanyo.com/en/network
Features
•
Low-saturation voltage
•
Low voltage drive (2.5V)
•
Enhansment type
•
Built-in Gate-to-Emitter protection diode
•
Mounting Height 0.9mm, Mounting Area 8.12mm
2
•
dv / dt guarantee
*
•
Halogen free compliance
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Emitter Voltage
VCES
400
V
Gate-to-Emitter Voltage (DC)
VGES
±4
V
Gate-to-Emitter Voltage (Pulse)
VGES
PW≤1ms
±5
V
Collector Current (Pulse)
ICP
VGE=2.5V, CM=100μF
150
A
Maximum Collector-to-Emitter dv / dt
dv / dt
VCE≤320V, starting Tch=25°C
400
V / μs
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
-40 to +150
°C
* : Concerning dv / dt (slope of Collector Voltage at the time of Turn-OFF), will be 100% screen-detected in the circuit shown as Fig. 1.
Package Dimensions
unit : mm (typ)
7011A-004
TIG065E8 N-ChannelIGBT
Light-Controlling Flash Applications
Product & Package Information
• Package
: ECH8
• JEITA, JEDEC
: -
• Minimum Packing Quantity : 3000 pcs./reel
Packing Type: TL
Marking
Electrical Connection
1 : Emitter
2 : Emitter
3 : Emitter
4 : Gate
5 : Collector
6 : Collector
7 : Collector
8 : Collector
SANYO : ECH8
1
4
85
0.15
0 t o 0.02
0.65
2.9
0.3
To p View
Bo tto m View
ZE
LOT No.
87
6
5
12
3
4
TL
TIG065E8-TL-H


Similar Part No. - ECH8

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ECH8 SANYO-ECH8 Datasheet
180Kb / 7P
N-Channel IGBT Light-Controlling Flash Applications
logo
List of Unclassifed Man...
ECH81 ETC2-ECH81 Datasheet
187Kb / 4P
TRIODE-HEPTODE
logo
Sanyo Semicon Device
ECH8101 SANYO-ECH8101 Datasheet
286Kb / 4P
PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
ECH8102 SANYO-ECH8102 Datasheet
296Kb / 5P
PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
logo
ON Semiconductor
ECH8102 ONSEMI-ECH8102 Datasheet
315Kb / 7P
Bipolar Transistor
September, 2013
More results

Similar Description - ECH8

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TIG030TS SANYO-TIG030TS Datasheet
51Kb / 4P
N-Channel IGBT Light-Controlling Flash Applications
TIG032TS SANYO-TIG032TS Datasheet
55Kb / 5P
N-Channel IGBT Light-Controlling Flash Applications
TIG052TS SANYO-TIG052TS Datasheet
55Kb / 5P
N-Channel IGBT Light-Controlling Flash Applications
TIG062E8 SANYO-TIG062E8 Datasheet
339Kb / 5P
Light-Controlling Flash Applications
TIG058E8 SANYO-TIG058E8 Datasheet
338Kb / 5P
Light-Controlling Flash Applications
TIG064E8 SANYO-TIG064E8 Datasheet
341Kb / 5P
N-Channel IGBT Light-Controlling Flash Applications
TIG062E8_0910 SANYO-TIG062E8_0910 Datasheet
352Kb / 5P
Light-Controlling Flash Applications
TIG065E8 SANYO-TIG065E8 Datasheet
136Kb / 6P
Light-Controlling Flash Applications
TIG066SS SANYO-TIG066SS Datasheet
483Kb / 6P
Light-Controlling Flash Applications
TIG058E8 SANYO-TIG058E8_12 Datasheet
180Kb / 7P
N-Channel IGBT Light-Controlling Flash Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com