Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECH8 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # ECH8
Description  N-Channel IGBT Light-Controlling Flash Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ECH8 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  ECH8 Datasheet HTML 1Page - Sanyo Semicon Device ECH8 Datasheet HTML 2Page - Sanyo Semicon Device ECH8 Datasheet HTML 3Page - Sanyo Semicon Device ECH8 Datasheet HTML 4Page - Sanyo Semicon Device ECH8 Datasheet HTML 5Page - Sanyo Semicon Device ECH8 Datasheet HTML 6Page - Sanyo Semicon Device ECH8 Datasheet HTML 7Page - Sanyo Semicon Device ECH8 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TIG065E8
No. A1862-4/8
Collector Current (Pulse), ICP -- A
CM -- ICP
Collector Current (Pulse), ICP -- A
CM -- ICP
Gate-to-Emitter Voltage, VGE -- V
ICP -- VGE
dv / dt -- RG
Gate Series Resistance, RG -- Ω
dv / dt -- Turn OFF IC
Turn OFF Collector Current, Turn OFF IC -- A
IT16036
20
40
60
80
100
120
140
0
160
50
0
100
150
200
250
300
VCE=320V
VGE=2.5V
Tc=25°C
Tc=70°C
IT16037
20
40
60
80
100
120
140
0160
50
0
100
150
200
300
350
250
400
450
500
VCE=320V
VGE=3V
Tc=25°C
Tc=70°C
IT16038
20
40
60
80
100
120
140
0
160
0
100
200
300
400
500
Tc=25°C
VCE≤320V
IT16103
200
250
300
350
100
150
50
0
0
100
200
300
500
400
600
IT16104
1.5
2.0
3.5
4.5
3.0
4.0
5.5
5.0
2.5
1.0
0.5
0
0
20
40
60
80
100
120
140
180
160
VCE=320V
CM=100μF
Tc=25°C
Tc=70°C
Switching test circuit Fig.1
VGE=2.5V
VCC=320V
ICP=150A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com