Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECH8 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # ECH8
Description  N-Channel IGBT Light-Controlling Flash Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ECH8 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  ECH8 Datasheet HTML 1Page - Sanyo Semicon Device ECH8 Datasheet HTML 2Page - Sanyo Semicon Device ECH8 Datasheet HTML 3Page - Sanyo Semicon Device ECH8 Datasheet HTML 4Page - Sanyo Semicon Device ECH8 Datasheet HTML 5Page - Sanyo Semicon Device ECH8 Datasheet HTML 6Page - Sanyo Semicon Device ECH8 Datasheet HTML 7Page - Sanyo Semicon Device ECH8 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TIG065E8
No. A1862-2/8
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector-to-Emitter Breakdown Voltage
V(BR)CES
IC=2mA, VGE=0V
400
V
Collector-to-Emitter Cutoff Current
ICES
VCE=320V, VGE=0V
10
μA
Gate-to-Emitter Leakage Current
IGES
VGE=±4V, VCE=0V
±10
μA
Gate-to-Emitter Threshold Voltage
VGE(off)
VCE=10V, IC=1mA
0.4
0.9
V
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=100A, VGE=2.5V
4.2
7
V
Input Capacitance
Cies
VCE=10V, f=1MHz
3100
pF
Output Capacitance
Coes
30
pF
Reverse Transfer Capacitance
Cres
23
pF
Fig.1 Large Current R Load Switching Circuit
Note1. The collector voltage gradient dv / dt must be smaller than 400V / μs to protect the device of gate-series
resistance RG when it is turned off.
Ordering Information
Device
Package
Shipping
memo
TIG065E8-TL-H
ECH8
3,000pcs./reel
Pb Free and Halogen Free
100kΩ
CM
RL
RG
VCC
+
TIG065E8
VGE
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VGE
Gate-to-Emitter Voltage, VGE -- V
IT16024
0
0
25
75
50
150
100
125
IT16025
0
0
12
5
9
8
7
6
34
10
25
125
75
50
150
100
0.5
1.0
4.0
2.0
2.5
3.0
3.5
1.5
2.5V
VCE=10V
1.8V
Tc=25°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com