Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD10265/PCB Datasheet(PDF) 5 Page - Analog Devices

Part # AD10265/PCB
Description  Dual Channel, 12-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD10265/PCB Datasheet(HTML) 5 Page - Analog Devices

  AD10265/PCB Datasheet HTML 1Page - Analog Devices AD10265/PCB Datasheet HTML 2Page - Analog Devices AD10265/PCB Datasheet HTML 3Page - Analog Devices AD10265/PCB Datasheet HTML 4Page - Analog Devices AD10265/PCB Datasheet HTML 5Page - Analog Devices AD10265/PCB Datasheet HTML 6Page - Analog Devices AD10265/PCB Datasheet HTML 7Page - Analog Devices AD10265/PCB Datasheet HTML 8Page - Analog Devices AD10265/PCB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
AD10265
–5–
REV. 0
PIN FUNCTION DESCRIPTIONS
Pin No.
Name
Function
1
SHIELD
Internal Ground Shield between channels.
2, 5, 9–11, 26, 27
GNDA
A Channel Ground. A and B grounds should be connected as close to the device as possible.
3, 4, 12, 15, 16,
NC
No Connect. Pins 15 and 17 are internal test pins: it is recommended to connect them to
34, 35, 55–57
GND
6AINA1
Analog Input for A side ADC (nominally
±0.5 V).
7AINA2
Analog Input for A side ADC (nominally
±1.0 V).
8AINA3
Analog Input for A side ADC (nominally
±2.0 V).
13
AVEE
Analog Negative Supply Voltage (nominally –5.0 V). For A side ADC.
14
AVCC
Analog Positive Supply Voltage (nominally +5.0 V). For A side ADC.
17–25, 31–33
D0A–D11A
Digital Outputs for ADC A. D0 (LSB).
28
ENCODEA
ENCODE is complement of ENCODE.
29
ENCODEA
Data conversion initiated on rising edge of ENCODE input.
30
DVCC
Digital positive supply voltage (nominally +3.3 V) for A side ADC.
36–42, 45–49
D0B–D11B
Digital Outputs for ADC B. D0 (LSB).
43, 44, 53, 54,
GNDB
B Channel Ground. A and B grounds should be connected as close to the device
58–61, 65, 68
as possible.
50
DVCC
Digital Positive Supply Voltage (nominally +3.3 V) for B side ADC.
51
ENCODEB
Data conversion initiated on rising edge of
ENCODE input.
52
ENCODEB
ENCODE is complement of ENCODE.
62
AINB1
Analog Input for B side ADC (nominally
±0.5 V).
63
AINB2
Analog Input for B side ADC (nominally
±1.0 V).
64
AINB3
Analog Input for B side ADC (nominally
±2.0 V).
66
AVCC
Analog Positive Supply Voltage (nominally +5.0 V). For B side ADC.
67
AVEE
Analog Negative Supply Voltage (nominally –5.0 V). For B side ADC.
PIN CONFIGURATION
68-Lead Leaded Ceramic Chip Carrier
10
11
12
13
14
15
16
17
18
19
20
22
23
24
25
26
21
27
43
28 29 30 31 32 33 34 35 36 37 38 39 40 41 42
961
8
7
6
5
68 67 66 65 64 63 62
432
1
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
TOP VIEW
(Not to Scale)
GNDB
GNDB
GNDB
NC
NC
NC
GNDB
GNDB
ENCODEB
ENCODEB
DVCC
D11B (MSB)
D10B
D9B
D8B
D7B
GNDB
GNDA
GNDA
NC
AVEE
AVCC
NC
NC
(LSB) D0A
D1A
D2A
D3A
D4A
D5A
D6A
D7A
D8A
GNDA
NC = NO CONNECT
AD10265
PIN 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com