Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD10265/PCB Datasheet(PDF) 13 Page - Analog Devices

Part # AD10265/PCB
Description  Dual Channel, 12-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD10265/PCB Datasheet(HTML) 13 Page - Analog Devices

Back Button AD10265/PCB Datasheet HTML 9Page - Analog Devices AD10265/PCB Datasheet HTML 10Page - Analog Devices AD10265/PCB Datasheet HTML 11Page - Analog Devices AD10265/PCB Datasheet HTML 12Page - Analog Devices AD10265/PCB Datasheet HTML 13Page - Analog Devices AD10265/PCB Datasheet HTML 14Page - Analog Devices AD10265/PCB Datasheet HTML 15Page - Analog Devices AD10265/PCB Datasheet HTML 16Page - Analog Devices AD10265/PCB Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
AD10265
–13–
REV. 0
+5VAB
–5VAB
GND
AINB1
AINB2
AINB3
AINA1
AINA2
AINA3
ENCA
ENCB
+5VAA
–5VAA
GND
GS01685 ( 2 )
AD10265 EVALUATION BOARD
YW
C2
C10
R14
J9
U7
C23
U6
R15
R16
R17
R18
C21
PIN 1
J1
J2
U9
C17
U1
C16
U8
J10
R30
R29
R28
R27
R26
J6
J5
J3
J8
J4
J7
U4
Figure 22. Evaluation Board Mechanical Layout
EVALUATION BOARD
The AD10265 evaluation board (Figure 22) is designed to
provide optimal performance for evaluation of the AD10265
analog-to-digital converter. The board encompasses everything
needed to ensure the highest level of performance for evaluating
the AD10265.
Power to the analog supply pins is connected via banana jacks.
The analog supply powers the crystal oscillator, the associated
components and amplifiers, and the analog section of the
AD10265. The digital outputs of the AD10265 are powered via
Pin 1 of either J1 or J2 found on the digital interface connector
with +3.3 V. Contact the factory if additional layout or applica-
tions assistance is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com