Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD10265/PCB Datasheet(PDF) 7 Page - Analog Devices

Part # AD10265/PCB
Description  Dual Channel, 12-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD10265/PCB Datasheet(HTML) 7 Page - Analog Devices

Back Button AD10265/PCB Datasheet HTML 3Page - Analog Devices AD10265/PCB Datasheet HTML 4Page - Analog Devices AD10265/PCB Datasheet HTML 5Page - Analog Devices AD10265/PCB Datasheet HTML 6Page - Analog Devices AD10265/PCB Datasheet HTML 7Page - Analog Devices AD10265/PCB Datasheet HTML 8Page - Analog Devices AD10265/PCB Datasheet HTML 9Page - Analog Devices AD10265/PCB Datasheet HTML 10Page - Analog Devices AD10265/PCB Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
AD10265
–7–
REV. 0
ENC
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
1/2
AD10265
SHOWN
TTL CLOCK
f
10MHz
NOTE: ALL
5V SUPPLY PINS BYPASSED
TO GND WITH A 0.1 F CAPACITOR
AINA3
AINA2
AINA1
ENC
Figure 2. Equivalent Burn-In Circuit
AIN
ENCODE
N
N – 2
N + 2
N + 3
N + 4
N + 5
t
A
t
OD
N + 1
N – 1
N
N + 1
N + 2
DIGITAL
OUTPUTS
Figure 1. Timing Diagram
EQUIVALENT CIRCUITS
AINA3
R4
200
AINA2
AINA1
R3
100
Figure 3. Analog Input Stage
TIMING
CIRCUITS
ENCODE
AVCC
AVCC
R1
17k
R2
8k
R2
8k
R1
17k
AVCC
ENCODE
Figure 4. Encode Inputs
DVCC
VREF
DVCC
CURRENT
MIRROR
CURRENT
MIRROR
D0 –
D11
Figure 5. Digital Output Stage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com