Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1868R Datasheet(PDF) 1 Page - Analog Devices

Part # AD1868R
Description  Single Supply Dual 18-Bit Audio DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1868R Datasheet(HTML) 1 Page - Analog Devices

  AD1868R Datasheet HTML 1Page - Analog Devices AD1868R Datasheet HTML 2Page - Analog Devices AD1868R Datasheet HTML 3Page - Analog Devices AD1868R Datasheet HTML 4Page - Analog Devices AD1868R Datasheet HTML 5Page - Analog Devices AD1868R Datasheet HTML 6Page - Analog Devices AD1868R Datasheet HTML 7Page - Analog Devices AD1868R Datasheet HTML 8Page - Analog Devices AD1868R Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FUNCTIONAL BLOCK DIAGRAM
1
2
3
4
5
6
7
8
9
10
12
13
14
15
11
16
18-BIT
DAC
18-BIT
SERIAL
REGISTER
18-BIT
SERIAL
REGISTER
AD1868
LL
DL
CK
DR
LR
DGND
NRL
AGND
NRR
VL
VBR
VBL
VS
VOL
VOR
VS
18-BIT
DAC
+
+
VREF
VREF
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Single Supply
Dual 18-Bit Audio DAC
AD1868*
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FEATURES
Dual Serial Input, Voltage Output DACs
Single +5 V Supply
0.004% THD+N (typ)
Low Power: 50 mW (typ)
108 dB Channel Separation (min)
Operates at 8
Oversampling
16-Pin Plastic DIP or SOIC Package
APPLICATIONS
Portable Compact Disc Players
Portable DAT Players and Recorders
Automotive Compact Disc Players
Automotive DAT Players
Multimedia Workstations
PRODUCT DESCRIPTION
The AD1868 is a complete dual 18-bit DAC offering excellent
performance while requiring a single +5 V power supply. It is
fabricated on Analog Devices’ ABCMOS wafer fabrication pro-
cess. The monolithic chip includes CMOS logic elements, bipo-
lar and MOS linear elements, and laser-trimmed thin-film
resistor elements. Careful design and layout techniques have re-
sulted in low distortion, low noise, high channel separation, and
low power dissipation.
The DACs on the AD1868 chip employ a partially segmented
architecture. The first three MSBs of each DAC are segmented
into seven elements. The 15 LSBs are produced using standard
R-2R techniques. The segments and R-2R resistors are laser
trimmed to provide extremely low total harmonic distortion.
The AD1868 requires no deglitcher or trimming circuitry. Low
noise is achieved through the use of two noise-reduction capacitors.
Each DAC is equipped with a high performance output ampli-
fier. These amplifiers achieve fast settling and high slew rate,
producing
± 1 V signals at load currents up to ± 1 mA. The
buffered output signal range is 1.5 V to 3.5 V. Reference volt-
ages of 2.5 V are provided, eliminating the need for “False
Ground” networks.
A versatile digital interface allows the AD1868 to be directly
connected to all digital filter chips. Fast CMOS logic elements
allow for an input clock rate of up to 13.5 MHz. This allows for
operation at 2
×, 4×, 8×, or 16× the sampling frequency for each
channel. The digital input pins of the AD1868 are TTL and
+5 V CMOS compatible.
*Protected by U.S. Patent Numbers: 3,961,326; 4,141,004; 4,349,811;
4,857,862; and patents pending.
The AD1868 operates on +5 V power supplies. The digital sup-
ply, VL, can be separated from the analog supply, VS, for re-
duced digital feedthrough. Separate analog and digital ground
pins are also provided. In systems employing a single +5 volt
power supply, VL and VS should be connected together. In bat-
tery operated systems, operation will continue even with reduced
supply voltage. Typically, the AD1868 dissipates 50 mW.
The AD1868 is packaged in either a 16-pin plastic DIP or a 16-
pin plastic SOIC package. Operation is guaranteed over the tem-
perature range of –35
°C to +85°C and over the voltage supply
range of 4.75 V to 5.25 V.
PRODUCT HIGHLIGHTS
1. Single-supply operation @ +5 V.
2. 50 mW power dissipation (typical).
3. THD+N is 0.004% (typical).
4. Signal-to-Noise Ratio is 97.5 dB (typical).
5. 108 dB channel separation (minimum).
6. Compatible with all digital filter chips.
7. 16-pin DIP and 16-pin SOIC packages.
8. No deglitcher required.
9. No external adjustments required.


Similar Part No. - AD1868R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1868 AD-AD1868 Datasheet
250Kb / 12P
Single Supply Dual 18-Bit Audio DAC
REV. A
AD1868 AD-AD1868_15 Datasheet
250Kb / 12P
Single Supply Dual 18-Bit Audio DAC
REV. A
More results

Similar Description - AD1868R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1859 AD-AD1859 Datasheet
302Kb / 16P
Stereo, Single-Supply 18-Bit Integrated DAC
AD1864 AD-AD1864 Datasheet
302Kb / 12P
Complete Dual 18-Bit Audio DAC
AD1866 AD-AD1866 Datasheet
251Kb / 12P
Single Supply Dual 16-Bit Audio DAC
AD1866RZ AD-AD1866RZ Datasheet
183Kb / 12P
Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1865N-K AD-AD1865N-K Datasheet
693Kb / 12P
Complete Dual 18-Bit 16 x FS Audio DAC
REV. 0
AD1864 AD-AD1864_15 Datasheet
564Kb / 12P
COMPLETE DUAL 18 BIT AUDIO DAC
REV. A
AD1859 AD-AD1859_15 Datasheet
305Kb / 16P
Stereo, Single-Supply 18-Bit Integrated DAC
REV. A
AD1865 AD-AD1865_15 Datasheet
693Kb / 12P
Complete Dual 18-Bit 16FS Audio DAC
REV. 0
AD1866 AD-AD1866_15 Datasheet
183Kb / 12P
Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1868 AD-AD1868_15 Datasheet
250Kb / 12P
Single Supply Dual 18-Bit Audio DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com