Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6240C Datasheet(PDF) 2 Page - Micro Analog systems

Part # MAS6240C
Description  Piezo Driver with Multi-Mode Charge Pump
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6240C Datasheet(HTML) 2 Page - Micro Analog systems

  MAS6240C Datasheet HTML 1Page - Micro Analog systems MAS6240C Datasheet HTML 2Page - Micro Analog systems MAS6240C Datasheet HTML 3Page - Micro Analog systems MAS6240C Datasheet HTML 4Page - Micro Analog systems MAS6240C Datasheet HTML 5Page - Micro Analog systems MAS6240C Datasheet HTML 6Page - Micro Analog systems MAS6240C Datasheet HTML 7Page - Micro Analog systems MAS6240C Datasheet HTML 8Page - Micro Analog systems MAS6240C Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
DA6240C.000
1 November, 2010
2 (11)
BLOCK & APPLICATION DIAGRAM
1x/2x/3x Charge Pump
VOUT
CP1
CN1
VIN (3V)
GND
DIN
Control
Logic
Oscillator
1MHz
0.1uF
0.1uF
0.1uF
EN1
PIEZO SOUNDER
CP2
CN2
0.1uF
EN2
Short Circuit
Protection
VO1
VO2
900k
Pull Down
Resistor
MAS6240C1/C2
Figure 1: C1 or C2 Version Charge Pump + Single End Piezo Driver (max 9Vpp)
1x/2x/3x Charge Pump
VOUT
CP1
CN1
VIN (3V)
GND
DIN
Control
Logic
Oscillator
1MHz
0.1uF
0.1uF
0.1uF
EN1
PIEZO SOUNDER
CP2
CN2
0.1uF
EN2
Short Circuit
Protection
VO1
VO2
900k
Pull Down
Resistor
MAS6240C2
Figure 2: C2 Version Charge Pump + Differential Piezo Driver (max 18Vpp)
Table 1 Charge Pump boosting mode selection
DIN
EN1
EN2
Charge Pump
0
-
-
OFF
1
0
0
OFF
1
0
1
1x Mode (VIN)
1
1
0
2x Mode (2xVIN)
1
1
1
3x Mode (3xVIN)
Note: Pulsed signal at digital input DIN is taken as “1” if pulse low time is less than 5 ms!



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com