Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6240C Datasheet(PDF) 5 Page - Micro Analog systems

Part # MAS6240C
Description  Piezo Driver with Multi-Mode Charge Pump
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6240C Datasheet(HTML) 5 Page - Micro Analog systems

  MAS6240C Datasheet HTML 1Page - Micro Analog systems MAS6240C Datasheet HTML 2Page - Micro Analog systems MAS6240C Datasheet HTML 3Page - Micro Analog systems MAS6240C Datasheet HTML 4Page - Micro Analog systems MAS6240C Datasheet HTML 5Page - Micro Analog systems MAS6240C Datasheet HTML 6Page - Micro Analog systems MAS6240C Datasheet HTML 7Page - Micro Analog systems MAS6240C Datasheet HTML 8Page - Micro Analog systems MAS6240C Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
DA6240C.000
1 November, 2010
5 (11)
PIN DESCRIPTION
Pin Description
Symbol
Type
X-coordinate
Y-coordinate
Control signal input for setting charge pump mode
EN1
DI
121
695
Control signal input for setting charge pump mode
EN2
DI
121
527
Enable signal + Digital signal input
DIN
DI
121
360
Flying capacitor negative terminal
CN1
I/O
403
121
Supply ground
GND
G
574
121
Digital audio signal output
VO2
DO
765
201
Digital audio signal output
VO1
DO
929
407
Flying capacitor negative terminal
CN2
I/O
929
529
Flying capacitor positive terminal
CP1
I/O
929
682
Charge pump output
VOUT
AO
684
849
Flying capacitor positive terminal
CP2
I/O
570
849
Power supply
VIN
P
393
929
Control signal for current limitation
C1 current limitation ON: XCURL=floating or GND
C2 current limitation OFF: XCURL=VIN
XCURL
DI
285
929
G = Ground, P = Power, D = Digital, A = Analog, I = Input, O = Output.
Note: Because the substrate of the die is internally connected to GND, the die has to be connected to GND or
left floating. Please make sure that GND is the first pad to be bonded. Pick-and-place and all component
assembly are recommended to be performed in ESD protected area.
Note: Pad coordinates are measured from the left bottom corner of the chip to the center of the pads. The
coordinates may vary depending on sawing width and location, however, distances between pads are accurate.
IC OUTLINES
EN1
EN2
DIN
CP1
CN2
VO1
VO2
ID: MAS6240D1
1130 µ
µ
µ
µ
m
DIE size = 1130 x 1050 mm; PAD size = 80 x 80 µm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com