Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6240C Datasheet(PDF) 11 Page - Micro Analog systems

Part # MAS6240C
Description  Piezo Driver with Multi-Mode Charge Pump
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6240C Datasheet(HTML) 11 Page - Micro Analog systems

Back Button MAS6240C Datasheet HTML 3Page - Micro Analog systems MAS6240C Datasheet HTML 4Page - Micro Analog systems MAS6240C Datasheet HTML 5Page - Micro Analog systems MAS6240C Datasheet HTML 6Page - Micro Analog systems MAS6240C Datasheet HTML 7Page - Micro Analog systems MAS6240C Datasheet HTML 8Page - Micro Analog systems MAS6240C Datasheet HTML 9Page - Micro Analog systems MAS6240C Datasheet HTML 10Page - Micro Analog systems MAS6240C Datasheet HTML 11Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
DA6240C.000
1 November, 2010
11 (11)
ORDERING INFORMATION
Product Code
Product
Package
Comments
MAS6240C1HP06
Piezo Driver with Multi-Mode
Charge Pump with Input
Current Limiting
QFN 3x3x0.75 12ld, Pb Free,
RoHS Compliant
Tape and Reel
3000 pcs / r
MAS6240C2HP06
Piezo Driver with Multi-Mode
Charge Pump without Input
Current Limiting
QFN 3x3x0.75 12ld, Pb Free,
RoHS Compliant
Tape and Reel
3000 pcs / r
MAS6240D1TC00
Piezo Driver with Multi-Mode
Charge Pump, Input Current
Limiting Selectable by Bonding
EWS Tested 8” wafers,
thickness 395 µm
Die size 1.13 x 1.05
mm
MAS6240D1TC05
Piezo Driver with Multi-Mode
Charge Pump, Input Current
Limiting Selectable by Bonding
395 µm thick dies in waffle pack
Die size 1.13 x 1.05
mm
The formation of product code
An example for MAS6240C1HP06:
MAS6240
C
1
HP
06
Product name
Design version
Product
Version
Package:
HP = QFN 3 x 3 x 0.75
(Pb free, RoHS compliant)
Delivery format:
00 = Tested Wafer
05 = Tested Dies
06 = Tape and Reel
08 = In Tube
LOCAL DISTRIBUTOR
MICRO ANALOG SYSTEMS OY CONTACTS
Micro Analog Systems Oy
Kutomotie 16
FI-00380 Helsinki, FINLAND
Tel. +358 10 835 1100
Fax +358 10 835 1119
http://www.mas-oy.com
NOTICE
Micro Analog Systems Oy reserves the right to make changes to the products contained in this data sheet in order to improve the design or
performance and to supply the best possible products. Micro Analog Systems Oy assumes no responsibility for the use of any circuits
shown in this data sheet, conveys no license under any patent or other rights unless otherwise specified in this data sheet, and makes no
claim that the circuits are free from patent infringement. Applications for any devices shown in this data sheet are for illustration only and
Micro Analog Systems Oy makes no claim or warranty that such applications will be suitable for the use specified without further testing or
modification.
These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can
reasonably be expected to result in personal injury. Customers of Micro Analog Systems Oy using or selling these products for use in such
applications do so at their own risk and agree to fully indemnify Micro Analog Systems Oy for any damages resulting from such improper
use or sale.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com