Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD28MSP02 Datasheet(PDF) 12 Page - Analog Devices

Part # AD28MSP02
Description  Voiceband Signal Port
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD28MSP02 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD28MSP02 Datasheet HTML 8Page - Analog Devices AD28MSP02 Datasheet HTML 9Page - Analog Devices AD28MSP02 Datasheet HTML 10Page - Analog Devices AD28MSP02 Datasheet HTML 11Page - Analog Devices AD28MSP02 Datasheet HTML 12Page - Analog Devices AD28MSP02 Datasheet HTML 13Page - Analog Devices AD28MSP02 Datasheet HTML 14Page - Analog Devices AD28MSP02 Datasheet HTML 15Page - Analog Devices AD28MSP02 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD28msp02
REV. 0
–12–
DIGITAL INTERFACE ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Min
Typ
Max
Unit
Test Condition
VIH
Input High Voltage
2.4
V
VDD = max
VIL
Input Low Voltage
0.8
V
VDD = min
VOH
Output High Voltage
2.4
V
VDD = min, IOH = –0.5 mA
VOL
Output Low Voltage
0.4
V
VDD = min, IOL = 2 mA
IIH
High Level Input Current
10
µAV
DD = max, VIN = max
IIL
Low Level Input Current
10
µAV
DD = max, VIN = 0 V
IOZL
Low Level Output 3-State Leakage Current
10
µAV
DD = max, VIN = max
IOZH
High Level Output 3-State Leakage Current
10
µAV
DD = max, VIN = 0 V
CI
Digital Input Capacitance
10
pF
ANALOG INTERFACE ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Min
Typ
Max
Unit
ADC:
IL
Input Leakage Current at VINNORM, VINAUX
10
nA
RI
Input Resistance
1 at VIN
NORM, VINAUX
100
M
Ω
CIL
Input Load Capacitance
1 at VIN
NORM, VINAUX
10
pF
VINMAX
Maximum Input Range
2
3.156
V p-p
DAC:
RO
Output Resistance
1, 3
1
Ω
VOOFF
Output DC Offset
4
400
mV
COL
Output Load Capacitance
3
100
pF
VVREF
Voltage Reference (VREF)
2.25
2.75
V
VO
Maximum Voltage Output Swing (p-p) Across RL
Single-Ended
3.156
V
Differential
6.312
V
RL
Load Resistance
3
2k
Ω
Test Conditions for all analog interface tests: Unity input gain, A/D 20 dB preamplifier bypassed, D/A PGA set for 0 dB gain, no load on analog output
(VOUTP–VOUTN).
1Guaranteed but not tested.
2At input to sigma-delta modulator of ADC.
3At VOUT
P-VOUTN.
4Between VOUT
P and VOUTN.
POWER DISSIPATION
Symbol
Parameter
Min
Max
Unit
VCC
Analog Operating Voltage
4.5
5.5
V
VDD
Digital Operating Voltage
4.5
5.5
V
IDD
Operating Current Active
1
40
mA
P1
Power Dissipation Active
1
200
mW
IDD
Operating Current Inactive2
0.5
mA
P0
Power Dissipation Inactive
2
2.5
mW
Test conditions: VDD = VCC = 5.0 V, MCLK frequency 13.0 MHz, no load on digital pins, analog inputs ac-coupled to ground, no load on analog output
(VOUTP–VOUTN)
IActive: AD28msp02 operational (PWDD and PWDA set to 1 in control register).
2Inactive: AD28msp02 in powerdown state (PWDD and PWDA set to 0 in control register) and MCLK tied to V
DD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com