Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD28MSP02 Datasheet(PDF) 16 Page - Analog Devices

Part # AD28MSP02
Description  Voiceband Signal Port
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD28MSP02 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD28MSP02 Datasheet HTML 12Page - Analog Devices AD28MSP02 Datasheet HTML 13Page - Analog Devices AD28MSP02 Datasheet HTML 14Page - Analog Devices AD28MSP02 Datasheet HTML 15Page - Analog Devices AD28MSP02 Datasheet HTML 16Page - Analog Devices AD28MSP02 Datasheet HTML 17Page - Analog Devices AD28MSP02 Datasheet HTML 18Page - Analog Devices AD28MSP02 Datasheet HTML 19Page - Analog Devices AD28MSP02 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD28msp02
REV. 0
–16–
NOISE AND DISTORTION
Parameter
Min
Max
Unit
Test Conditions
ADC Intermodulation Distortion
–70
dB
DAC Intermodulation Distortion
–70
dB
ADC Idle Channel Noise
72
dBm0
DAC Idle Channel Noise
72
dBm0
ADC Crosstalk
–65
dB
ADC input signal level: 1.0 kHz, 0 dBm0
DAC input at idle
DAC Crosstalk
–65
dB
ADC input signal level: analog ground
DAC output signal level: 1.0 kHz, 0 dBm0
ADC Power Supply Rejection
–55
dB
Input signal level at VCC and VDD pins:
1.0 kHz, 100 mV p-p sine wave
DAC Power Supply Rejection
55
dB
Input signal level at VCC and VDD pins:
1.0 kHz, 100 mV p-p sine wave
ADC Group Delay
1
1
ms
300–3000 Hz
DAC Group Delay
1
1
ms
300–3000 Hz
1Guaranteed but not tested.
70
–10
10
0
30
20
40
50
60
3.17
–55
–60
0
–5
–10
–15
–25
–30
–35
–40
–45
–50
–20
V
– dBm0
IN
Figure 17. SNR + THD vs. VIN
ORDERING GUIDE
Part
Temperature
Package
Number
Range
Package
Option*
AD28msp02KN
0
°C to +70°C
24-Pin Plastic DIP
N-24
AD28msp02KR
0
°C to +70°C
28-Lead SOIC
R-28
AD28msp02BN
–40
°C to +85°C
24-Pin Plastic DIP
N-24
AD28msp02BR
–40
°C to +85°C
28-Lead SOIC
R-28
*N = Plastic DIP, R = Small Outline (SOIC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com