Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD28MSP02 Datasheet(PDF) 13 Page - Analog Devices

Part # AD28MSP02
Description  Voiceband Signal Port
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD28MSP02 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD28MSP02 Datasheet HTML 9Page - Analog Devices AD28MSP02 Datasheet HTML 10Page - Analog Devices AD28MSP02 Datasheet HTML 11Page - Analog Devices AD28MSP02 Datasheet HTML 12Page - Analog Devices AD28MSP02 Datasheet HTML 13Page - Analog Devices AD28MSP02 Datasheet HTML 14Page - Analog Devices AD28MSP02 Datasheet HTML 15Page - Analog Devices AD28MSP02 Datasheet HTML 16Page - Analog Devices AD28MSP02 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD28msp02
REV. 0
–13–
TIMING PARAMETERS
Clock Signals
Parameter
Min
Max
Unit
Timing Requirement:
tMCK
MCLK Period
76.9
76.9
ns
tMKL
MCLK Width Low
0.5tMCK – 10
0.5tMCK + 10
ns
tMKH
MCLK Width High
0.5tMCK – 10
0.5tMCK + 10
ns
Switching Characteristic:
tSCK
SCLK Period
5tMCK
ns
tSKL
SCLK Width Low
3tMCK – 10
3tMCK + 10
ns
tSKH
SCLK Width High
2tMCK – 10
2tMCK + 10
ns
MCLK
SCLK
t
MCK
t MKL
t MKH
tSCK
tSKL
tSKH
Figure 12. Clock Signals
Serial Port 3-State
Parameter
Min
Max
Unit
Switching Characteristic:
tSPD
CS Low to SDO, SDOFS, SCLK Disable
25
ns
tSPE
CS High to SDO, SDOFS, SCLK Enable
0
ns
tSPV
CS High to SDO, SDOFS, SCLK Valid
10
ns
CS
SDO
SDOFS
SCLK
tSPD
t
SPE
t
SPV
Figure 13. Serial Port 3-State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com