Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD261AND-4 Datasheet(PDF) 4 Page - Analog Devices

Part # AD261AND-4
Description  High Speed, Logic Isolator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD261AND-4 Datasheet(HTML) 4 Page - Analog Devices

  AD261AND-4 Datasheet HTML 1Page - Analog Devices AD261AND-4 Datasheet HTML 2Page - Analog Devices AD261AND-4 Datasheet HTML 3Page - Analog Devices AD261AND-4 Datasheet HTML 4Page - Analog Devices AD261AND-4 Datasheet HTML 5Page - Analog Devices AD261AND-4 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AD261
–4–
REV. 0
SYSTEM
FIELD
S0
F3
+5V dc
5V dc RTN
+5V dc
5V dc RTN
S1
2
S2
3
S3
S4
F0
F1
F2
F4
15
16
17
6
7
8
4
5
AD261-0
THREE-
STATE
LATCH
E
D
LINE 0
+5V dcFLD
5V RTNFLD
ENABLEFLD
5V RTNSYS
+5V dcSYS
ENABLESYS
THREE-
STATE
LATCH
E
D
LINE 1
THREE-
STATE
LATCH
E
D
THREE-
STATE
LATCH
E
D
THREE-
STATE
LATCH
E
D
LINE 2
LINE 3
LINE 4
FIELD
AD261-1
S0
F3
SYSTEM
+5V dc
5V dc RTN
+5V dc
5V dc RTN
S1
2
S2
3
S3
S4
F0
F1
F2
F4
15
16
17
6
7
8
4
5
THREE-
STATE
LATCH
E
D
LINE 0
+5V dcFLD
5V RTNFLD
ENABLEFLD
5V RTNSYS
+5V dcSYS
ENABLESYS
THREE-
STATE
LATCH
E
D
LINE 1
THREE-
STATE
LATCH
E
D
LINE 2
LATCH
E
D
THREE-
STATE
LINE 4
THREE-
STATE
LATCH
E
D
LINE 3
AD261 CONFIGURATIONS
AD261-2
S0
F3
SYSTEM
FIELD
+5V dc
5V dc RTN
+5V dc
5V dc RTN
S1
2
S2
3
S3
S4
F0
F1
F2
F4
15
16
17
6
7
8
5
THREE-
STATE
LATCH
E
D
LINE 0
+5V dcFLD
5V RTNFLD
ENABLEFLD
5V RTNSYS
+5V dcSYS
ENABLESYS
THREE-
STATE
LATCH
E
D
LINE 1
THREE-
STATE
LATCH
E
D
LINE 2
LATCH
E
D
THREE-
STATE
LINE 4
LINE 3
LATCH
E
D
THREE-
STATE
4
AD261-3
S0
F3
SYSTEM
FIELD
+5V dc
5V dc RTN
+5V dc
5V dc RTN
S1
2
S2
S3
S4
F0
F1
F2
F4
15
16
17
6
7
8
5
THREE-
STATE
LATCH
E
D
LINE 0
+5V dcFLD
5V RTNFLD
ENABLEFLD
5V RTNSYS
+5V dcSYS
ENABLESYS
THREE-
STATE
LATCH
E
D
LINE 1
LATCH
E
D
THREE-
STATE
LINE 4
LINE 3
LATCH
E
D
THREE-
STATE
4
LATCH
E
D
THREE-
STATE
LINE 2
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com