Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD261AND-4 Datasheet(PDF) 2 Page - Analog Devices

Part # AD261AND-4
Description  High Speed, Logic Isolator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD261AND-4 Datasheet(HTML) 2 Page - Analog Devices

  AD261AND-4 Datasheet HTML 1Page - Analog Devices AD261AND-4 Datasheet HTML 2Page - Analog Devices AD261AND-4 Datasheet HTML 3Page - Analog Devices AD261AND-4 Datasheet HTML 4Page - Analog Devices AD261AND-4 Datasheet HTML 5Page - Analog Devices AD261AND-4 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
–2–
REV. 0
AD261–SPECIFICATIONS (Typical at T
A = +25 C, +5 V dcSYS, +5 V dcFLD, tRR = 50 ns max unless otherwise noted)
Parameter
Conditions
Min
Typ
Max
Units
INPUT CHARACTERISTICS
Threshold Voltage
Positive Transition (VT+)
+5 V dcSYS = 4.5 V
2.0
2.7
3.15
V
+5 V dcSYS = 5.5 V
3.0
3.2
4.2
V
Negative Transition (VT–)
+5 V dcSYS = 4.5 V
0.9
1.8
2.2
V
+5 V dcSYS = 5.5 V
1.2
2.2
3.0
V
Hysteresis Voltage (VH)
+5 V dcSYS = 4.5 V
0.4
0.9
1.4
V
+5 V dcSYS = 5.5 V
0.5
1.0
1.5
V
Input Capacitance (CIN)
5pF
Input Bias Current (IIN)
Per Input
0.5
µA
OUTPUT CHARACTERISTICS
Output Voltage
1
High Level (VOH)
+5 V dcSYS = 4.5 V, |IO| = 0.02 mA
4.4
V
+5 V dcSYS = 4.5 V, |IO| = 4 mA
3.7
V
Low Level (VOL)
+5 V dcSYS = 4.5 V, |IO| = 0.02 mA
0.1
V
+5 V dcSYS = 4.5 V, |IO| = 4 mA
0.4
V
Output Three-State Leakage Current
ENABLESYS/FLD @ Logic Low/High Level Respectively
0.5
µA
DYNAMIC RESPONSE
1 (Refer to Figure 2)
Max Logic Signal Frequency (fMIN)
50% Duty Cycle, +5 V dcSYS = 5 V
20
MHz
Waveform Edge Symmetry Error (tERROR)tPHL vs. tPLH
±1ns
Logic Edge Propagation Delay (tPHL, tPLH)14
25
ns
Minimum Pulsewidth (tPWMIN)
25
ns
Max Output Update Delay on Fault or After
Power-Up Reset Interval (
≈ 30 µs)2
12
µs
ISOLATION BARRIER RATING
3
Operating Isolation Voltage (VCMV)
AD261A
375
V rms
AD261B
1250
V rms
Isolation Rating Test Voltage (VCMV TEST)
4
AD261A
1750
V rms
AD261B
3500
V rms
Transient Immunity (VTRANSIENT)
10,000
V/
µs
Isolation Mode Capacitance (CISO)
Total Capacitance, All Lines
9
15
pF
Capacitive Leakage Current (ILEAD)
240 V rms @ 60 Hz
2
µA rms
POWER SUPPLY
Supply Voltage (+5 V dcSYS and +5 V dcFLD)
Rated Performance
4.5
5.5
V dc
Operating
4.0
5.75
V dc
Power Dissipation Capacitance
Effective, per Input, Either Side
8
pF
Effective per Output, Either Side—No Load
28
pF
Quiescent Supply Current
Each, +5 V dcSYS & FLD
4mA
Supply Current
All Lines @ 10 MHz (Sum of +5 V dcSYS & FLD)18
mA
TEMPERATURE RANGE
Rated Performance (TA)
5
–25
+85
°C
Storage (TSTG)
–40
+85
°C
NOTES
1For best performance, bypass +5 V dc supplies to com., at or near the device (0.01
µF). +5 V dc supplies are also internally bypassed with 0.05 µF.
2As the supply voltage is applied to either side of the AD261, the internal circuitry will go into a power-up reset mode (all lines disabled) for about 30
µs after the point
where +5 V dcSYS & FLD passes above 3.3 V.
3“Operating” isolation voltage is derived from the Isolation Test Voltage in accordance with such methods as found in VDE-0883 wherein a device will be “hi-pot”
tested at twice the operating voltage, plus one thousand volts. Partial discharge testing, with an acceptance threshold of 80 pC of discharge may be considered the
same as a hi-pot test (but nondestructive).
4Partial Discharge at 80 pC THLD.
5Supply Current will increase slightly, but otherwise the unit will function within specification to –40
°C.
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com