Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD261AND-4 Datasheet(PDF) 3 Page - Analog Devices

Part # AD261AND-4
Description  High Speed, Logic Isolator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD261AND-4 Datasheet(HTML) 3 Page - Analog Devices

  AD261AND-4 Datasheet HTML 1Page - Analog Devices AD261AND-4 Datasheet HTML 2Page - Analog Devices AD261AND-4 Datasheet HTML 3Page - Analog Devices AD261AND-4 Datasheet HTML 4Page - Analog Devices AD261AND-4 Datasheet HTML 5Page - Analog Devices AD261AND-4 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AD261
–3–
REV. 0
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD261 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS*
Parameter
Conditions
Min
Typ
Max
Units
Supply Voltage (+5 V dcSYS & FLD)
–0.5
+6.0
V
DC Input Voltage (VIN MAX)
Referred to +5 V dcSYS & FLD and 5 V RTNSYS & FLD Respectively
–0.5
+0.5
V
DC Output Voltage (VOUT MAX)
Referred to +5 V RTNSYS & FLD and 5 V dcSYS & FLD Respectively
–0.5
+0.5
V
Clamp Diode Input Current (IIK)
For VI < –0.5 V or VI > 5 V RTNSYS & FLD +0.5 V
–25
+25
mA
Clamp Diode Output Current (IOK)
For VO < –0.5 V or VO > 5 V RTNSYS & FLD +0.5 V
–25
+25
mA
Output DC Current, per Pin (IOUT)
–25
+25
mA
DC Current, VCC or GND (ICC or IGND)
–50
+50
mA
Storage Temperature (TSTG)
–40
+85
°C
Lead Temperature (Soldering, 10 sec)
+300
°C
Electrostatic Protection (VESD)
Per MIL-STD-883, Method 3015
4.5
5
kV
*Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device
at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum ratings for extended
periods may effect device reliability.
I/O CONFIGURATIONS AVAILABLE
The AD261 is available in several configurations. The choice of
model is determined by the desired number of input vs. output
lines. All models have identical footprints with the power and
enable pins always being in the same locations.
PIN CONFIGURATION
15
16
17
18
19
20
21
22
1
2
3
4
5
6
7
8
SYSTEM
FIELD
BOTTOM VIEW
S0
S1
S2
S3
S4
ENABLESYS
+5V dcSYS
5V RTNSYS
5V RTNFLD
+5V dcFLD
ENABLEFLD
F0
F1
F2
F3
F4
ORDERING GUIDE
Model
Isolation
Package
Package
Number
Description
Ratings
Description
Option
AD261AND-0
0 Inputs, 5 Outputs
1.75 kV rms
Plastic DIP
ND-22A
AD261AND-1
1 Input, 4 Outputs
1.75 kV rms
Plastic DIP
ND-22A
AD261AND-2
2 Inputs, 3 Outputs
1.75 kV rms
Plastic DIP
ND-22A
AD261AND-3
3 Inputs, 2 Outputs
1.75 kV rms
Plastic DIP
ND-22A
AD261AND-4
4 Inputs, 1 Output
1.75 kV rms
Plastic DIP
ND-22A
AD261AND-5
5 Inputs, 0 Outputs
1.75 kV rms
Plastic DIP
ND-22A
AD261BND-0
0 Inputs, 5 Outputs
3.5 kV rms
Plastic DIP
ND-22A
AD261BND-1
1 Input, 4 Outputs
3.5 kV rms
Plastic DIP
ND-22A
AD261BND-2
2 Inputs, 3 Outputs
3.5 kV rms
Plastic DIP
ND-22A
AD261BND-3
3 Inputs, 2 Outputs
3.5 kV rms
Plastic DIP
ND-22A
AD261BND-4
4 Inputs, 1 Output
3.5 kV rms
Plastic DIP
ND-22A
AD261BND-5
5 Inputs, 0 Outputs
3.5 kV rms
Plastic DIP
ND-22A
PIN FUNCTION DESCRIPTIONS
Pin
Mnemonic
Function
1–5*
S0 Through S4
Digital Xmt or Rcv from F0 Through F4
6
ENABLESYS
System Output Enable /Three-State
7
+5 V dcSYS
System Power Supply (+5 V dc Input)
8
5 V RTNSYS
System Power Supply Common
9–14
Not Present On Unit
15
5 V RTNFLD
Field Power Supply Common
16
+5 V dcFLD
Field Power Supply (+5 V Input)
17
ENABLEFLD
Field Output Enable/ Three-State
18–22* F0 Through F4 Digital Xmt or Rcv from S0 Through S4
*Function of pin determined by model. Refer to Table I.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com