Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2S93 Datasheet(PDF) 3 Page - Analog Devices

Part # AD2S93
Description  Low Cost LVDT-to-Digital Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S93 Datasheet(HTML) 3 Page - Analog Devices

  AD2S93 Datasheet HTML 1Page - Analog Devices AD2S93 Datasheet HTML 2Page - Analog Devices AD2S93 Datasheet HTML 3Page - Analog Devices AD2S93 Datasheet HTML 4Page - Analog Devices AD2S93 Datasheet HTML 5Page - Analog Devices AD2S93 Datasheet HTML 6Page - Analog Devices AD2S93 Datasheet HTML 7Page - Analog Devices AD2S93 Datasheet HTML 8Page - Analog Devices AD2S93 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD2S93
REV. A
–3–
Parameter
Test Conditions
Min
Typ
Max
Units
SERIAL CLOCK (SCLK)
SCK Input Rate
2
MHz
Maximum Read Rate (16 Bits)
Continuous
9.2
µs
POWER SUPPLY
I
DD
5710
mA
I
SS
5710
mA
NOTES
1The signal input voltage maximum should always be set at 10% less than the reference input.
2Nominal + FS = V
A–B = VREF/2, FS = –VA–B = VREF/2
3With G = 10; Sensitivity 34.2
µV pk/LSB
4Phase shift cause gain errors. “See Phase Shift and Quadrative Effects.”
Specifications subject to change without notice.
SCLK
DATA
CS
t*
t
3
t
4
t
1
t
5
t
7
LSB
MSB
t * = THE MINIMUM ACCESS TIME: USER DEPENDENT
TOTAL MAX READ TIME =
t
2 + 16. (t3 + t4 ) + t7
TOTAL MAX READ TIME = 600 +16 (250 + 250) + 150 ns
TOTAL MAX READ TIME = 600 + 8000 + 150 ns
TOTAL MAX READ TIME = 8.750 µs (SINGLE READ ONLY)
t
2
t
6
Timing Diagram
Parameter
AD2S93
Units
Test Conditions
t
1
1
150
ns max
CS
to DATA Enable
t
2
600
ns min
CS
to 1st SCLK Positive Edge
t
3
250
ns min
SCLK High Pulse
t
4
250
ns min
SCLK Low Pulse
t
5
100
ns max
SCLK Positive Edge to DATA Valid
t
6
600
ns min
CS
High Pulse Width
t
7
150
ns max
CS
High to DATA High Z (Bus Relinquish)
NOTE
1SCLK can only be applied after t
2 has elapsed.
TIMING CHARACTERISTICS (V
DD = +5 V
± 5%, AGND = DGND = 0 V, T
A = –40
°C to +85°C unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com