Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2S93 Datasheet(PDF) 4 Page - Analog Devices

Part # AD2S93
Description  Low Cost LVDT-to-Digital Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S93 Datasheet(HTML) 4 Page - Analog Devices

  AD2S93 Datasheet HTML 1Page - Analog Devices AD2S93 Datasheet HTML 2Page - Analog Devices AD2S93 Datasheet HTML 3Page - Analog Devices AD2S93 Datasheet HTML 4Page - Analog Devices AD2S93 Datasheet HTML 5Page - Analog Devices AD2S93 Datasheet HTML 6Page - Analog Devices AD2S93 Datasheet HTML 7Page - Analog Devices AD2S93 Datasheet HTML 8Page - Analog Devices AD2S93 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
–4–
REV. A
AD2S93
ORDERING GUIDE
Temperature
Package
Model
Range
Linearity
Option
AD2S93AP
–40
°C to +85°C
0.1%
P-28A
AD2S93BP
–40
°C to +85°C
0.05%
P-28A
PIN DESIGNATIONS
Pin
No.
Mnemonic
Description
1
AGND
Analog Ground.
2
DIFF
Output of Signal Input Preamplifier.
3
GAIN
Connect GAIN Pin to DIFF for
nominal
× 1. Gains greater than
1 can be resistively scaled.
Do not leave unconnected.
4
LOS
Denotes A or B lines loss of
connection and/or loss of reference
to transducer or converter.
5
DATA
16-bit serial data output 13 bits of
absolute position information plus
overrange and underrange plus LOS.
6
SCLK
Serial Clock. Maximum rate = 2 MHz.
7
CS
Chip Select. Loads serial interface
with current positional information
and enable output.
9, 12
UNR, OVR
Two pins that denote whether the
input signals are underrange or
overrange.
10
CLKOUT
Updates every LSB.
13
NULL
Denotes Null Position.
14
DIR
Indicates direction. DIR is HI for
positive displacement and LO for
negative displacement.
15
DGND
Digital Ground.
16
V
SS
Negative Power Supply –5.0 V dc
± 5%.
17
V
DD
Positive Power Supply +5.0 V dc
± 5%.
18
DEMODOUT Output of the Phase Sensitive
Demodulator.
19
DEMODIN
Input to Phase Sensitive
Demodulator.
20
ACERROR
AC Error Output.
21
VCO GAIN
Sets the VCO gain internally.
Connect to VEL for 2400 LSB/s.
Disconnect for 800 LSB/s.
22
INTIN
Determines system dynamics connect
C and RC (serial) parallel
combination across INTIN and
VEL to determine loop dynamics.
23
VEL
Analog Velocity Output.
24
REF
Single ended input for fixed
amplitude reference.
27, 28 B, A
Uncommitted differential inputs
for the A, B signal inputs.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD2S93 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
RECOMMENDED OPERATING CONDITIONS
Power Supply Voltage (VDD–VSS) . . . . . . . . . . . ± 5 V dc ± 5%
Analog Input Voltage (A, B) . . . . . . . . . . . . . . 1 V rms
± 10%
Analog Reference Input (REF) . . . . . . . . . . . . 2 V rms
± 10%
Signal and Reference Harmonic Distortion . . . . . . . . . . . <10%
Operating Temperature Range
Industrial (AP, BP) . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
ABSOLUTE MAXIMUM RATINGS*
VDD to AGND . . . . . . . . . . . . . . . . . . . –0.3 V dc to + 7.0 V dc
VSS to AGND . . . . . . . . . . . . . . . . . . . +0.3 V dc to – 7.0 V dc
AGND to DGND . . . . . . . . . . . . –0.3 V dc to VDD + 0.3 V dc
Analog Inputs to AGND REF . . . . VSS – 0.3 V to VDD + 0.3 V
A, B . . . . . . . . . . . . . . . . . . . . . . . . . VSS – 0.3 V to VDD + 0.3 V
Analog Output to AGND VEL . . . . . . . . . . . . . . . . VSS to VDD
Digital Inputs to DGND
CS
, SCLK . . . . . . . . . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V
Digital Outputs to DGND
NULL, DIR, CLKOUT, DATA . . . . –0.3 V to VDD + 0.3 V
Operating Temperature Range
Industrial (A, B) . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Lead Temperature (Soldering 10 sec) . . . . . . . . . . . . . +300
°C
Power Dissipation to +75
°C . . . . . . . . . . . . . . . . . . +100 mW
Derates above +75
°C by . . . . . . . . . . . . . . . . . . . . . 10 mW/°C
*Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
NC = NO CONNECT
NC
REF
VCOGAIN
ACERROR
DEMODIN
VEL
INTIN
DATA
SCLK
UNR
CLKOUT
NC
CS
NC
26
27
28
4
2
3
15
18
17
16
12
14
13
25
24
21
20
19
23
22
TOP VIEW
(Not to Scale)
1
5
6
9
10
11
7
8
AD2S93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com