Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2S93 Datasheet (PDF) - Analog Devices

AD2S93 Datasheet PDF - Analog Devices
Part # AD2S93
Download  AD2S93 Download
File Size   349.27 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost LVDT-to-Digital Converter

AD2S93 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD2S93 Datasheet PDF - Analog Devices

Part # AD2S93
Download  AD2S93 Click to download

File Size   349.27 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost LVDT-to-Digital Converter

AD2S93 Datasheet (HTML) - Analog Devices


AD2S93 Product details

GENERAL DESCRIPTION

The AD2S93 is a complete 14-bit resolution tracking LVDT-to digital converter. A Type II tracking loop is employed to track the A–B input and produce a digital output equal to (A–B)/ (REF/2), where REF is a fixed amplitude ac reference phase coherent with the A–B input. This allows the measurement of any 2-, 3-, 4- and 5-wire LVDT or linear amplitude modulated in put. The operating frequency range is from 360 Hz to 10 kHz with user definable bandwidth set externally within a range of 45 Hz to 1250 Hz.



FEATURES

Full Function Monolithic LVDT-to-Digital Converter

Absolute Serial Data Output

Uncommitted Differential Input

Repeatability

Remote Diagnostics

14-Bit Resolution

Industrial Temperature Range

28-Pin PLCC

Low Power



APPLICATIONS

Industrial Gauging

Industrial Process Control

Linear Positioning Systems

Linear Actuator Control

Automotive Motion Sensing and Control

Torque Sensing Conditioner

AC Strain Gages Conditioning

Avionics




Similar Part No. - AD2S93

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2S90 AD-AD2S90 Datasheet
168Kb / 12P
Low Cost, Complete 12-Bit Resolver-to-Digital Converter
REV.D
AD2S90AP AD-AD2S90AP Datasheet
168Kb / 12P
Low Cost, Complete 12-Bit Resolver-to-Digital Converter
REV.D
AD2S90APZ AD-AD2S90APZ Datasheet
170Kb / 12P
Low Cost, Complete 12-Bit Resolver-to-Digital Converter
REV. D
AD2S90 AD-AD2S90_15 Datasheet
170Kb / 12P
Low Cost, Complete 12-Bit Resolver-to-Digital Converter
REV. D
AD2S99 AD-AD2S99 Datasheet
317Kb / 8P
Programmable Oscillator
REV. B
More results


Similar Description - AD2S93

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2S44 AD-AD2S44 Datasheet
389Kb / 8P
Low Cost, 14-Bit, Dual Channel Synchro/Resolver-to-Digital Converter
AD2S90 AD-AD2S90 Datasheet
168Kb / 12P
Low Cost, Complete 12-Bit Resolver-to-Digital Converter
REV.D
logo
Intronics Power, Inc.
ADC1140 INTRONICS-ADC1140 Datasheet
906Kb / 4P
Low Cost 16-Bit Anlog-to-Digital Converter
logo
Analog Devices
AD2S90APZ AD-AD2S90APZ Datasheet
170Kb / 12P
Low Cost, Complete 12-Bit Resolver-to-Digital Converter
REV. D
ADC12QZ AD-ADC12QZ_15 Datasheet
1Mb / 4P
LOW COST GENERAL PURPOSE ANALOG TO DIGITAL CONVERTER
ADC12QM AD-ADC12QM_15 Datasheet
1Mb / 4P
LOW COST GENERAL PURPOSE ANALOG TO DIGITAL CONVERTER
AD2S46 AD-AD2S46_15 Datasheet
2Mb / 8P
LOW COST 16 BIT SYNCHRO RESOLVER TO DIGITAL CONVERTER
REV. 0
DAC10Z AD-DAC10Z_15 Datasheet
768Kb / 2P
LOW COST GENERAL PURPOSE DIGITAL TO ANALOG CONVERTER
AD2S44 AD-AD2S44_15 Datasheet
310Kb / 12P
Low Cost, 14-Bit, Dual Channel Synchro/Resolver-to-Digital Converter
REV. B
AD2S90 AD-AD2S90_15 Datasheet
170Kb / 12P
Low Cost, Complete 12-Bit Resolver-to-Digital Converter
REV. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com