Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2S90APZ Datasheet (PDF) - Analog Devices

AD2S90APZ Datasheet PDF - Analog Devices
Part # AD2S90APZ
Download  AD2S90APZ Download
File Size   170.73 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, Complete 12-Bit Resolver-to-Digital Converter

AD2S90APZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD2S90APZ Datasheet PDF - Analog Devices

Part # AD2S90APZ
Download  AD2S90APZ Click to download

File Size   170.73 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, Complete 12-Bit Resolver-to-Digital Converter

AD2S90APZ Datasheet (HTML) - Analog Devices


AD2S90APZ Product details

GENERAL DESCRIPTION
The AD2S90 is a complete 12-bit resolution tracking resolverto-digital converter. No external components are required to operate the device.
   
FEATURES
    Complete Monolithic Resolver-to-Digital Converter
    Incremental Encoder Emulation (1024-Line)
    Absolute Serial Data (12-Bit)
    Differential Inputs
    12-Bit Resolution
    Industrial Temperature Range
    20-Lead PLCC
    Low Power (50 mW)
   
APPLICATIONS
    Industrial Motor Control
    Servo Motor Control
    Industrial Gauging
    Encoder Emulation
    Automotive Motion Sensing and Control
    Factory Automation
    Limit Switching
   




Similar Part No. - AD2S90APZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2S90AP AD-AD2S90AP Datasheet
168Kb / 12P
Low Cost, Complete 12-Bit Resolver-to-Digital Converter
REV.D
More results


Similar Description - AD2S90APZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2S44 AD-AD2S44 Datasheet
389Kb / 8P
Low Cost, 14-Bit, Dual Channel Synchro/Resolver-to-Digital Converter
AD2S90 AD-AD2S90 Datasheet
168Kb / 12P
Low Cost, Complete 12-Bit Resolver-to-Digital Converter
REV.D
logo
List of Unclassifed Man...
AU6802 ETC1-AU6802 Datasheet
416Kb / 2P
High-speed, Digital-Tracking, Complete 10/12-Bit Resolver-to-Digital Converter
logo
Analog Devices
ADDAC80NZ-CBI-V AD-ADDAC80NZ-CBI-V Datasheet
212Kb / 16P
Complete Low Cost 12-Bit D/A Converters
REV. B
AD574AJNZ AD-AD574AJNZ Datasheet
781Kb / 12P
Complete 12-Bit Converter
REV. B
AD2S44-TM18B AD-AD2S44-TM18B Datasheet
310Kb / 12P
Low Cost, 14-Bit, Dual Channel Synchro/Resolver-to-Digital Converter
REV. B
AD2S46 AD-AD2S46_15 Datasheet
2Mb / 8P
LOW COST 16 BIT SYNCHRO RESOLVER TO DIGITAL CONVERTER
REV. 0
SDC-RDC1700 AD-SDC-RDC1700_15 Datasheet
2Mb / 6P
LOW PROFILE SYNCHRO RESOLVER TO DIGITAL CONVERTER
AD2S44 AD-AD2S44_15 Datasheet
310Kb / 12P
Low Cost, 14-Bit, Dual Channel Synchro/Resolver-to-Digital Converter
REV. B
AD2S90 AD-AD2S90_15 Datasheet
170Kb / 12P
Low Cost, Complete 12-Bit Resolver-to-Digital Converter
REV. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com