Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2S90APZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD2S90APZ
Description  Low Cost, Complete 12-Bit Resolver-to-Digital Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S90APZ Datasheet(HTML) 1 Page - Analog Devices

  AD2S90APZ Datasheet HTML 1Page - Analog Devices AD2S90APZ Datasheet HTML 2Page - Analog Devices AD2S90APZ Datasheet HTML 3Page - Analog Devices AD2S90APZ Datasheet HTML 4Page - Analog Devices AD2S90APZ Datasheet HTML 5Page - Analog Devices AD2S90APZ Datasheet HTML 6Page - Analog Devices AD2S90APZ Datasheet HTML 7Page - Analog Devices AD2S90APZ Datasheet HTML 8Page - Analog Devices AD2S90APZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FUNCTIONAL BLOCK DIAGRAM
HIGH ACCURACY
SIN COS
MULTIPLIER
UP-DOWN
COUNTER
LATCH
SERIAL INTERFACE
HIGH
DYNAMIC
RANGE V.C.O.
P.S.D. AND
FREQUENCY
SHAPING
DECODE
LOGIC
SIN
SIN LO
COS
NMC
A
B
NM
SCLK
DATA
REF
VEL
CLKOUT
DIR
ERROR
AMPLIFIER
CLK
U/D
ANGLE
CS
SIN (
–
)
COS LO
DIGITAL
ANGLE
REV. D
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
FEATURES
Complete Monolithic Resolver-to-Digital Converter
Incremental Encoder Emulation (1024-Line)
Absolute Serial Data (12-Bit)
Differential Inputs
12-Bit Resolution
Industrial Temperature Range
20-Lead PLCC
Low Power (50 mW)
APPLICATIONS
Industrial Motor Control
Servo Motor Control
Industrial Gauging
Encoder Emulation
Automotive Motion Sensing and Control
Factory Automation
Limit Switching
AD2S90
GENERAL DESCRIPTION
The AD2S90 is a complete 12-bit resolution tracking resolver-
to-digital converter. No external components are required to
operate the device.
The converter accepts 2 V rms
± 10% input signals in the range
3 kHz–20 kHz on the SIN, COS and REF inputs. A Type II
servo loop is employed to track the inputs and convert the input
SIN and COS information into a digital representation of the
input angle. The bandwidth of the converter is set internally at
1 kHz within the tolerances of the device. The guaranteed maxi-
mum tracking rate is 500 rps.
Angular position output information is available in two forms,
absolute serial binary and incremental A quad B.
The absolute serial binary output is 12-bit (1 in 4096). The data
output pin is high impedance when Chip Select
CS is logic HI.
This allows the connection of multiple converters onto a com-
mon bus. Absolute angular information in serial pure binary
form is accessed by
CS followed by the application of an exter-
nal clock (SCLK) with a maximum rate of 2 MHz.
The encoder emulation outputs A, B and NM continuously
produce signals equivalent to a 1024 line encoder. When de-
coded this corresponds to 12 bits of resolution. Three common
north marker pulsewidths are selected via a single pin (NMC).
An analog velocity output signal provides a representation of
velocity from a rotating resolver shaft traveling in either a clock-
wise or counterclockwise direction.
The AD2S90 operates on
±5 V dc ± 5% power supplies and is
fabricated on Analog Devices’ Linear Compatible CMOS pro-
cess (LC
2MOS). LC2MOS is a mixed technology process that
combines precision bipolar circuits with low power CMOS logic
circuits.
PRODUCT HIGHLIGHTS
Complete Resolver-Digital Interface. The AD2S90 provides
the complete solution for digitizing resolver signals (12-bit reso-
lution) without the need for external components.
Dual Format Position Data. Incremental encoder emulation
in standard A QUAD B format with selectable North Marker
width. Absolute serial 12-bit angular binary position data
accessed via simple 3-wire interface.
Single High Accuracy Grade in Low Cost Package.
±10.6 arc
minutes of angular accuracy available in a 20-lead PLCC.
Low Power. Typically 50 mW power consumption.
Low Cost, Complete 12-Bit
Resolver-to-Digital Converter
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999


Similar Part No. - AD2S90APZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2S90AP AD-AD2S90AP Datasheet
168Kb / 12P
Low Cost, Complete 12-Bit Resolver-to-Digital Converter
REV.D
More results

Similar Description - AD2S90APZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2S44 AD-AD2S44 Datasheet
389Kb / 8P
Low Cost, 14-Bit, Dual Channel Synchro/Resolver-to-Digital Converter
AD2S90 AD-AD2S90 Datasheet
168Kb / 12P
Low Cost, Complete 12-Bit Resolver-to-Digital Converter
REV.D
logo
List of Unclassifed Man...
AU6802 ETC1-AU6802 Datasheet
416Kb / 2P
High-speed, Digital-Tracking, Complete 10/12-Bit Resolver-to-Digital Converter
logo
Analog Devices
ADDAC80NZ-CBI-V AD-ADDAC80NZ-CBI-V Datasheet
212Kb / 16P
Complete Low Cost 12-Bit D/A Converters
REV. B
AD574AJNZ AD-AD574AJNZ Datasheet
781Kb / 12P
Complete 12-Bit Converter
REV. B
AD2S44-TM18B AD-AD2S44-TM18B Datasheet
310Kb / 12P
Low Cost, 14-Bit, Dual Channel Synchro/Resolver-to-Digital Converter
REV. B
AD2S46 AD-AD2S46_15 Datasheet
2Mb / 8P
LOW COST 16 BIT SYNCHRO RESOLVER TO DIGITAL CONVERTER
REV. 0
SDC-RDC1700 AD-SDC-RDC1700_15 Datasheet
2Mb / 6P
LOW PROFILE SYNCHRO RESOLVER TO DIGITAL CONVERTER
AD2S44 AD-AD2S44_15 Datasheet
310Kb / 12P
Low Cost, 14-Bit, Dual Channel Synchro/Resolver-to-Digital Converter
REV. B
AD2S90 AD-AD2S90_15 Datasheet
170Kb / 12P
Low Cost, Complete 12-Bit Resolver-to-Digital Converter
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com