Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2S90APZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD2S90APZ
Description  Low Cost, Complete 12-Bit Resolver-to-Digital Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S90APZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD2S90APZ Datasheet HTML 4Page - Analog Devices AD2S90APZ Datasheet HTML 5Page - Analog Devices AD2S90APZ Datasheet HTML 6Page - Analog Devices AD2S90APZ Datasheet HTML 7Page - Analog Devices AD2S90APZ Datasheet HTML 8Page - Analog Devices AD2S90APZ Datasheet HTML 9Page - Analog Devices AD2S90APZ Datasheet HTML 10Page - Analog Devices AD2S90APZ Datasheet HTML 11Page - Analog Devices AD2S90APZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD2S90
REV. D
–11–
AD2S90/AD2S99 TYPICAL CONFIGURATION
Figure 21 shows a typical circuit configuration for the AD2S99
Oscillator and the AD2S90 Resolver-to-Digital Converter. The
maximum level of the SIN and COS input signals to the
AD2S90 should be 2 V rms
±10%. All the analog ground sig-
nals should be star connected to the AD2S90 AGND pin. If
shielded twisted pair cables are used for the resolver signals, the
shields should also be terminated at the AD2S90 AGND pin.
The SYNREF output of the AD2S99 should be connected to
the REF input pin of the AD2S90 via a 0.1
µF capacitor with a
100 k
Ω resistor to GND. This is to block out any dc offset in
the SYNREF signal. For more detailed information please refer
to the AD2S99 data sheet.
NC = NO CONNECT
NC
SIN
NC
DGND
COS
EXC
EXC
NC
AGND
NC
3
1
2
4
5
8
6
7
17
14
16
15
TOP VIEW
(Not to Scale)
AD2S99
19
3
1
2
20
4
5
8
6
7
12
13
9
11
10
18 17
14
16 15
4.7 F
4.7 F
0.1 F
0.1 F
COS
SIN
REF
S2
S4
S3
S1
R4
R2
RESOLVER
REF
COS
AGND
SIN
SIN LO
VDD
VSS
DGND
AD2S90
TOP VIEW
(Not to Scale)
0.1 F
100k
VDD
VSS
VDD
0.1 F
50k
4.7 F
0.1 F
4.7 F
VSS
SEL2 = GND
SEL1 = VSS
FOUT = 5kHz
COS LO
20 19
18
9
1011 1213
Figure 21. AD2S90 and AD2S99 Example Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com