Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2S90APZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD2S90APZ
Description  Low Cost, Complete 12-Bit Resolver-to-Digital Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S90APZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD2S90APZ Datasheet HTML 4Page - Analog Devices AD2S90APZ Datasheet HTML 5Page - Analog Devices AD2S90APZ Datasheet HTML 6Page - Analog Devices AD2S90APZ Datasheet HTML 7Page - Analog Devices AD2S90APZ Datasheet HTML 8Page - Analog Devices AD2S90APZ Datasheet HTML 9Page - Analog Devices AD2S90APZ Datasheet HTML 10Page - Analog Devices AD2S90APZ Datasheet HTML 11Page - Analog Devices AD2S90APZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD2S90
REV. D
–10–
The small step response is given in Figure 20, and is the time
taken for the converter to settle to within 1 LSB.
ts = 7.00 ms (maximum)
The large step response (steps >20
°) applies when the error
voltage will exceed the linear range of the converter. Typically it
will take three times longer to reach the first peak for a 179
°
step.
In response to a velocity step [VELOUT/(d
θ/dt)] the velocity
output will exhibit the same response characteristics as outlined
above.
0
10
20
016
4
812
Figure 20. Small Step Response
SOURCES OF ERROR
Acceleration Error
A tracking converter employing a Type 2 servo loop does not
suffer any velocity lag, however, there is an additional error due
to acceleration. This additional error can be defined using the
acceleration constant Ka of the converter.
K a =
Input Acceleration
Error in Output Angle
(10)
The numerator and denominator’s units must be consistent. Ka
does not define maximum input acceleration, only the error due to
its acceleration. The maximum acceleration allowable before the
converter loses track is dependent on the angular accuracy
requirements of the system.
Angular Error
× K
a = degrees/sec
2
(11)
Ka can be used to predict the output position error for a given
input acceleration. The AD2S90 has a fixed Ka = 3.0 × 10
6
sec
–2 if we apply an input accelerating at 100 revs/sec2, the error
can be calculated as follows:
Error in LSBs
=
Input Acceleration LSB / sec
2
[]
Ka sec −
2
[]
=
[]× []
×
[]
=
100
2
30 10
014
12
62
rev
LSB rev
LSBs
//
.
sec
.
–
sec2
(12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com