Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2S90APZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD2S90APZ
Description  Low Cost, Complete 12-Bit Resolver-to-Digital Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S90APZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD2S90APZ Datasheet HTML 4Page - Analog Devices AD2S90APZ Datasheet HTML 5Page - Analog Devices AD2S90APZ Datasheet HTML 6Page - Analog Devices AD2S90APZ Datasheet HTML 7Page - Analog Devices AD2S90APZ Datasheet HTML 8Page - Analog Devices AD2S90APZ Datasheet HTML 9Page - Analog Devices AD2S90APZ Datasheet HTML 10Page - Analog Devices AD2S90APZ Datasheet HTML 11Page - Analog Devices AD2S90APZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD2S90
REV. D
–9–
REMOTE MULTIPLE SENSOR INTERFACING
The DATA output of the AD2S90 is held in a high impedance
state until
CS is taken LO. This allows a user to operate the
AD2S90 in an application with more than one converter con-
nected on the same line. Figure 16 shows four resolvers inter-
faced to four AD2S90s. Excitation for the resolvers is provided
locally by an oscillator.
SCLK, DATA and two address lines are fed down low loss
cables suitable for communication links. The two address lines
are decoded locally into
CS for the individual converters. Data
is received and transmitted using transmitters and receivers.
2-4 DECODING
(74HC139)
CS1 CS2 CS3 CS4
A0
A1
SCLK
DATA
VDD
VSS
0V
AD2S90
1
RES1
AD2S90
2
RES2
AD2S90
3
RES3
AD2S90
4
RES4
4
4
4
4
2
2
OSC
BUFFER
Figure 16. Remote Sensor Interfacing
CIRCUIT DYNAMICS/ERROR SOURCES
Transfer Function
The AD2S90 operates as a Type 2 tracking servo loop. An
integrator and VCO/counter perform the two integrations inher-
ent in a Type 2 loop.
The overall system response of the AD2S90 is that of a unity
gain second order low-pass filter, with the angle of the resolver
as the input and the digital position data as the output. Figure
17 illustrates the AD2S90 system diagram.
A2 (S)
A1 (S)
IN
VEL OUT
OUT
Figure 17. AD2S90 Transfer Function
The open-loop transfer function is given by:
θ
OUT
θ
IN
=
K1K2
s
2
(1
+ st
1 )
1
+ st
2
(5)
where:
As
K
s
st
st
1
11
2
1
1
()
=
+
+
tms
ts
1
2
10
90
=
=
.
µ
(6)
As
K
s
K
V
LSB
K
LSB V
2
2
1
2
4 875
614 400
()
./(
sec)
,
/(
sec)
=
=×
=×
(7)
The AD2S90 acceleration constant is given by:
KK
K
a
=×
≅
×
−
12
62
30 10
.
sec
(8)
The AD2S90’s design has been optimized with a critically
damped response. The closed-loop transfer function is given by:
θ
θ
OUT
IN
st
st
s
KK
st
KK
=
+
++
+
1
1
1
1
2
12
3
2
12
(9)
The normalized gain and phase diagrams are given in Figures 18
and 19.
5
–45
–30
–40
10
–35
1
–15
–25
–20
–10
–5
0
1k
100
FREQUENCY – Hz
10k
Figure 18. AD2S90 Gain Plot
FREQUENCY – Hz
0
–180
10k
–140
–160
10
1
–120
–100
–80
–60
–40
–20
1k
100
Figure 19. AD2S90 Phase Plot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com