Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE509 Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE509
Description  Low noise, fast response 500mA LDO regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE509 Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE509_12 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE509_12 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE509_12 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE509_12 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE509_12 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE509_12 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE509_12 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE509_12 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE509_12 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ACE509
Low noise, fast response 500mA LDO regulator
VER 1.4
3
Block Diagram
Recommended Work Conditions
Item
Min
Max
Unit
Input Voltage Range
10
V
Ambient Temperature
-40
85
℃
Electrical Characteristics
(Test Conditions: Cin=1uF, Cout=3.4uF,TA=25℃, unless otherwise specified.)
ACE509, for arbitrary output voltage
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Vin
Input Voltage
10
V
Vout
Output
Voltage
Vout>1.5V
Vin=Set Vout+1V
1mA≤Iout≤30mA
Vout
x0.98
Vout
Vout
X1.02
V
Vout<=1.5V
Vout
-0.03
Vout
Vout
+0.03
Iout (Max.)
Maximun Output
Current
Vin-Vout=1V
500
mA
Vdrop
1
Dropout
Voltage,Vout≥2.8V
Iout=100mA
88
120
mV
Iout=300mA
270
350
mV
Iout=500mA
460
600
mV
△Vout/△
Vin∙Vout
Line Regulation
Iout=40mA
2.8V≤Vin≤8V
0.05
0.2
%/V
△Vout/△Iout
Load Regulation
Vin=Set Vout+1V
1mA≤Iout≤500mA
20
40
mV
Iss
Supply Current
Vin=Set Vout+1V
75
90
uA
Istandby
Supply Current
(Srandby)
Vin=Set Vout+1V
Vce=GND
0.1
1.0
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com