Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE509 Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE509
Description  Low noise, fast response 500mA LDO regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE509 Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE509_12 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE509_12 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE509_12 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE509_12 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE509_12 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE509_12 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE509_12 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE509_12 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE509_12 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
ACE509
Low noise, fast response 500mA LDO regulator
VER 1.4
1
Description
ACE509 series is a group of positive voltage output, low power consumption, low dropout voltage
regulator.
ACE509 can provide output value in the range of 1.2V~4.5V every 0.1V step. It also can be customized
on command.
ACE509 includes high accuracy voltage reference, error amplifier, current limit circuit and output driver
module with discharge capability.
ACE509 has excellent load and line transient response and good temperature characteristics, which can
assure the stability of chip and power system. And it uses trimming technique to guarantee output voltage
accuracy within±2%.
Features
Low Power Consumption: 75uA(Typ.)
Low output noise (47uVRMS)
Standby Mode: 0.1uA
Low dropout Voltage: 0.46V@500mA (Typ.)
High Ripple Rejection: 66dB@100Hz (Typ.)
Low Temperature Coefficient: ±100ppm/C
Excellent Line regulation: 0.05%/V
Build-in chip enable and discharge circuit
Output Voltage Range: 1.2V~4.5V (customized on command every 0.1V step)
Highly Accurate: ±2% (±1% customized)
Output Current Limit
Application
Power source for cellular phones and various kind of PCSs
Battery Powered equipment
Power Management of MP3, PDA, DSC, Mouse, PS2 Games
Reference Voltage Source
Regulation after Switching Power
Typical Performance Characteristic:
ACE509-2.8V Output
I load (mA)


Similar Part No. - ACE509_12

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE50921AMA+ ACE-ACE50921AMA+ Datasheet
353Kb / 11P
Low noise, fast response 500mA LDO regulator
VER 1.2
ACE50921AMB+ ACE-ACE50921AMB+ Datasheet
353Kb / 11P
Low noise, fast response 500mA LDO regulator
VER 1.2
ACE50921BM+ ACE-ACE50921BM+ Datasheet
353Kb / 11P
Low noise, fast response 500mA LDO regulator
VER 1.2
ACE50921BN+ ACE-ACE50921BN+ Datasheet
353Kb / 11P
Low noise, fast response 500mA LDO regulator
VER 1.2
ACE50921EP+ ACE-ACE50921EP+ Datasheet
353Kb / 11P
Low noise, fast response 500mA LDO regulator
VER 1.2
More results

Similar Description - ACE509_12

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5209 MICREL-MIC5209 Datasheet
91Kb / 13P
500mA Low-Noise LDO Regulator
logo
BCD Semiconductor Manuf...
AP2213 BCDSEMI-AP2213 Datasheet
292Kb / 21P
500mA LOW NOISE LDO REGULATOR
AP2213 BCDSEMI-AP2213_09 Datasheet
754Kb / 22P
500mA LOW NOISE LDO REGULATOR
logo
ACE Technology Co., LTD...
ACE509 ACE-ACE509 Datasheet
353Kb / 11P
Low noise, fast response 500mA LDO regulator
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8558 BELLING-BL8558 Datasheet
280Kb / 10P
Low noise, fast response 500mA LDO regulator
BL8563 BELLING-BL8563 Datasheet
560Kb / 9P
Low noise, fast response 300mA LDO regulator
logo
ACE Technology Co., LTD...
ACE515 ACE-ACE515 Datasheet
447Kb / 8P
Low Noise, fast response 300mA LDO regulator
VER 1.5
logo
Leshan Radio Company
LR8558 LRC-LR8558 Datasheet
647Kb / 11P
Low noise, fast response 500mA LDO regulato
logo
Micrel Semiconductor
MIC5209YM-TR MICREL-MIC5209YM-TR Datasheet
1Mb / 13P
500mA Low-Noise LDO Regulator
logo
Leshan Radio Company
LR8558 LRC-LR8558_15 Datasheet
647Kb / 11P
Low noise, fast response 500mA LDO regulato
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com