Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE509 Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE509
Description  Low noise, fast response 500mA LDO regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE509 Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE509_12 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE509_12 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE509_12 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE509_12 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE509_12 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE509_12 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE509_12 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE509_12 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE509_12 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ACE509
Low noise, fast response 500mA LDO regulator
VER 1.4
4
△Vout/△
T∙Vout
Output Voltage
Temperature
Coefficiency
Iout=30mA
±100
ppm/
C
PSRR
Ripple Rejection
F=100Hz,
Ripple=0.5Vp-p
Vin=Set Vout+1V
65
dB
Ilim
Short Current Limit
Vout=0V
200
mA
Rpd
CE Pull down
Resistance
2.0
5.0
10.0
M
Vceh
CE Input Voltage “H”
1.5
Vin
V
Vcel
CE Input Voltage “L”
0
0.25
V
Vdrop=Vin1-(Vout2*0.98) Vout2 is the output voltage when Vin=Vout1+1.0V and Iout=300mA or Iout=500mA.
Vin1 is the input voltage at which the output voltage becomes 98% of Vout1 after gradually decreasing the input voltage.
Typical Application Circuit
CE
In
ACE509
VDD
VOUT
Out
+
Cap
GND
+
Cap
Note :Input capacitor (Cin=1uF) and Output capacitor (Cout=1uF/2.2uF) are recommended in all
application circuit.
Explanation:
ACE509 series is a group of positive voltage output, low noise, low power consumption, low dropout
voltage regulator.
ACE509 can provide output value in the range of 1.2V~4.5V every 0.1V step. It also can be customized
on command.
ACE509 includes high accuracy voltage reference, error amplifier, current limit circuit and output driver
module.
ACE509 has excellent load and line transient response and good temperature characteristics, which can
assure the stability of chip and power system. And it uses trimming technique to guarantee output voltage
accuracy within±2%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com