Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE705 Datasheet(PDF) 5 Page - ACE Technology Co., LTD.

Part # ACE705
Description  High efficiency, Low supply current, step-up DC/DC Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE705 Datasheet(HTML) 5 Page - ACE Technology Co., LTD.

  ACE705 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE705 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE705 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE705 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE705 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE705 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE705 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE705 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE705 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
ACE705
High efficiency, Low supply current, step-up DC/DC Controller
VER 1.4
5
Typical Application
(1) Application with external NMOSFET
Vin
D 1N5817
Vout
L
27uH
EXT
OUT
Cin
ACE705
47uF
Cout
Rload
CE
GND
Cp
100uF Tan
OFF
ON
1nF
Figure 1
(2) Application with external NPN transistor
ACE705
Figure 2
Note: R1=330Ω, C1=10nF. (R1 can be calculated by load. If load is light R1’s value can be added. If load is heavy R1’s value can
be smaller. )
Detailed Description
The ACE705 series are boost structure, voltage-type pulse-frequency modulation(PFM) step-up DC-DC
controller. Only four external components are necessary: an inductor, a schottky diode, an output filter
capacitor and a NMOSFET or a NPN transistor. The step-up DC-DC converter, constructed by ACE705,
can be adjusted from 2.5V to 6.0V, 0.1V step. By using the depletion technics, the quiescent current
drawn from power source is lower than 8uA. The high efficiency device consists of resistors for output
voltage detection and trimming, a start-up voltage circuit, an oscillator, a reference circuit, a PFM control
circuit, a switch protection circuit and a driver transistor.
ACE705 integrates PFM control system. This system controls fixed power switch on duty cycle
frequency to stabilize output voltage by calculating results of other blocks which sense input voltage,
output voltage, output current and load conditions. In PFM modulation system, the frequency and pulse
width is fixed. The duty cycle is adjusted by skipping pulses, so that switch on-time is changed based on
the conditions such as input voltage, output current and load. The oscillate block inside ACE705 provides
fixed frequency and pulse width wave.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com