Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE705 Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE705
Description  High efficiency, Low supply current, step-up DC/DC Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE705 Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE705 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE705 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE705 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE705 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE705 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE705 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE705 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE705 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE705 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
ACE705
High efficiency, Low supply current, step-up DC/DC Controller
VER 1.4
1
Description
The ACE705 series are CMOS-based PFM step-up DC-DC Controller with low supply current and high
output voltage accuracy. Quiescent current drawn from power source is as low as 6uA. It is capable of
delivering 500mA output current at 4.0V output with 2V input Voltage. Only four external components are
necessary: An inductor, a Schottky diode, an output filter capacitor and a NMOSFET or a NPN transistor
All of these features make ACE705 series be suitable for the portable devices, which are supplied by a
single battery to four-cell batteries.
ACE705 has a drive pin (EXT) for external transistor. So it is possible to load a large output current with
a power transistor which has a low saturation voltage.
ACE705 integrates stable reference circuits and trimming technology, so it can afford high precision and
low temperature-drift coefficient of the output voltage.
ACE705 is available in SOT-23-3 and SOT-23-5 packages which are PB free. And in SOT-23-5 the
device can be switch on or off easily by CE pin, to minimize the standby supply current.
Features
Deliver 500mA at 4.0V Output voltage with 2.0V input Voltage
The converter output voltage can be adjusted from 2.5V~6.0V(In 0.1V step)
Output voltage accuracy 2%
Low temperature-drift coefficient of the output voltage 100ppm/℃
Only four external components are necessary: An inductor, a Schottky diode an output filter
capacitor and a NMOSFET or a NPN transistor
High power conversion efficiency 90%
Low quiescent current drawn from power source 6uA
Application
Power source for PDA. DSC. MP3 Player. electronic toy and wireless mouse
Power source for a single or dual-cell battery-powered equipments
Power source for LED
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Input voltage range
-0.3~12
V
Input voltage
V(EXT) -0.3~Vout+0.3 V
CE pin voltage
-0.3~Vout+0.3 V
EXT pin output current
0.7
A
Maximum power dissipation, Pd T=25℃
SOT-23-5
SOT-23-3
250
250
mW
Operating junction temperature
125
Ambient Temperature
-40~85
Storage temperature range
-40~150


Similar Part No. - ACE705

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE705 ACE-ACE705 Datasheet
656Kb / 14P
High efficiency, Low supply current, step-up DC/DC Controller
VER 1.2
ACE705125BM+ ACE-ACE705125BM+ Datasheet
656Kb / 14P
High efficiency, Low supply current, step-up DC/DC Controller
VER 1.2
ACE705125BN+ ACE-ACE705125BN+ Datasheet
656Kb / 14P
High efficiency, Low supply current, step-up DC/DC Controller
VER 1.2
ACE705130BM+ ACE-ACE705130BM+ Datasheet
656Kb / 14P
High efficiency, Low supply current, step-up DC/DC Controller
VER 1.2
ACE705130BN+ ACE-ACE705130BN+ Datasheet
656Kb / 14P
High efficiency, Low supply current, step-up DC/DC Controller
VER 1.2
More results

Similar Description - ACE705

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1674 MAXIM-MAX1674 Datasheet
521Kb / 12P
High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
Rev 3; 3/00
logo
Richtek Technology Corp...
RT9262 RICHTEK-RT9262 Datasheet
110Kb / 12P
HIGH EFFICIENCY, LOW SUPPLY CURRENT, STEP-UP DC/DC CONVERTER
RT9263 RICHTEK-RT9263 Datasheet
196Kb / 10P
HIGH EFFICIENCY LOW SUPPLY CURRENT STEP UP DC/DC CONVERTER
logo
List of Unclassifed Man...
HWD20011 ETC1-HWD20011 Datasheet
798Kb / 13P
High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
logo
Richtek Technology Corp...
RT9262 RICHTEK-RT9262_07 Datasheet
142Kb / 10P
High Efficiency, Low Supply Current, Step-up DC/DC Converter
RT9263 RICHTEK-RT9263_07 Datasheet
116Kb / 8P
High Efficiency, Low Supply Current, Step-Up DC/DC Converter
logo
Analog Intergrations Co...
AIC1630A AIC-AIC1630A Datasheet
181Kb / 9P
HIGH-EFFICIENCY STEP-UP DC/DC CONVERTER CONTROLLER
logo
ACE Technology Co., LTD...
ACE705 ACE-ACE705 Datasheet
656Kb / 14P
High efficiency, Low supply current, step-up DC/DC Controller
VER 1.2
logo
Silicon Standard Corp.
SS6628 SSC-SS6628 Datasheet
554Kb / 7P
High-Efficiency Step-Up DC/DC Controller
logo
SHANGHAI BELLING CO., L...
BL8530C BELLING-BL8530C Datasheet
267Kb / 13P
HIGH EFFICIENCY, LOW SUPPLY CURRENT, MULTI-FUNTION STEP-UP DC/DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com