Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE705 Datasheet(PDF) 7 Page - ACE Technology Co., LTD.

Part # ACE705
Description  High efficiency, Low supply current, step-up DC/DC Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE705 Datasheet(HTML) 7 Page - ACE Technology Co., LTD.

Back Button ACE705 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE705 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE705 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE705 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE705 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE705 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE705 Datasheet HTML 9Page - ACE Technology Co., LTD. ACE705 Datasheet HTML 10Page - ACE Technology Co., LTD. ACE705 Datasheet HTML 11Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
ACE705
High efficiency, Low supply current, step-up DC/DC Controller
VER 1.4
7
An inductor value of 3uH to 1mH works well in most applications. If DC-DC converter delivers large
output current (for example: output current is great than 50mA), large inductor value is recommended in
order to improve efficiency. If DC-DC must output very large current at low input supply voltage, small
inductor value is recommended.
The ESR of inductor will effect efficiency greatly. Suppose ESR value of inductor is rL,Rload is load
resistor,then the energy can be calculated by following expression:
Δη≈ R
L / Rload (1-D)
2
For example: input 1.5V, output is 3.0V, Rload=20Ω, rL=0.5Ω, The energy loss is 10%.
Consider all above,inductor value of 47uH、ESR<0.5
Ω is recommended in most applications. Large
value is recommended in high efficiency applications and smaller value is recommended
(2)Output Capacitor Selection
Ignore ESR of capacitor,the ripple of output voltage is:
R=ΔVout / Vout=D / Rload Cf
So large value capacitor is needed to reduce ripple. But too large capacitor value will slow down system
reaction and cost will improve. So 100uF capacitor is recommended. Larger capacitor value will be used
in large output current system. If output current is small (<10mA), small value is needed.
Consider ESR of capacitor,ripple will increase:
r'=r+Imax•RESR / Vout
When current is large, ripple caused by ESR will be main factor. It may be greater than 100mV。The ESR
will affects efficiency and increase energy loss. So low-ESR capacitor (for example: tantalum capacitor) is
recommend or connect two or more filter capacitors in parallel.
(3)Diode Selection
Rectifier diode will affects efficiency greatly,Though a common diode (such as 1N4148) will work well for
light load,it will reduce about 5%~10% efficiency for heavy load,For optimum performance, a Schottky
diode (such as 1N5817、1N5819、1N5822) is recommended.
(4)Input Capacitor
If supply voltage is stable, the DC-DC circuit can output low ripple, low noise and stable voltage without
input capacitor. If voltage source is far away from DC-DC circuit, input capacitor value greater than 10uF
is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com