Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE1117C Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

Part # ACE1117C
Description  1A Bipolar Linear Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1117C Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

Back Button ACE1117C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE1117C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE1117C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE1117C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE1117C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE1117C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE1117C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE1117C Datasheet HTML 9Page - ACE Technology Co., LTD. ACE1117C Datasheet HTML 10Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
ACE1117C
1A Bipolar Linear Regulator
VER 1.3
6
Typical Application
ACE1117C has an adjustable version and six fixed versions (1.2V, 1.8V, 2.5V, 3.3V, 5.0V and 12V)
Fixed output voltage version
ACE1117C
Application circuit of ACE1117C fixed version
1. Recommend using 10uF tan capacitor as bypass capacitor (C1) for all application circuit.
2. Recommend using 10uF tan capacitor to assure circuit stability.
Adjustable Output Voltage Version
ACE1117C provides a 1.25V reference voltage. Any output voltage between 1.25V~12V can be
achievable by choosing two external resistors (schematic is shown below), R1 and R2
ACE1117C-ADJ
Application Circuit of ACE1117C -ADJ
The output voltage of adjustable version follows the equation: Vout=1.25*(1+R2/R1)+IAdj*R2. We can
ignore IAdj because IAdj (about 50uA) is much less than the current of R1 (about 2~10mA).
1. To meet the minimum load current (>10mA) requirement, R1 is recommended to be 125ohm or lower.
As ACE1117C-ADJ can keep itself stable at load current about 2mA, R1 is not allowed to be higher
than 625
Ω.
2. Using a bypass capacitor (CADJ) between the ADJ pin and ground can improve ripple rejection. This
bypass capacitor prevents ripple from being amplified as the output voltage is increased. The
impedance of CADJ should be less than R1 to prevent ripple from being amplified. As R1 is normally in
the range of 100Ω~500Ω, the value of C
ADJ should satisfy this equation:1/(2
*
ripple*CADJ)<R1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com