Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE1117C Datasheet(PDF) 7 Page - ACE Technology Co., LTD.

Part # ACE1117C
Description  1A Bipolar Linear Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1117C Datasheet(HTML) 7 Page - ACE Technology Co., LTD.

Back Button ACE1117C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE1117C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE1117C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE1117C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE1117C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE1117C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE1117C Datasheet HTML 9Page - ACE Technology Co., LTD. ACE1117C Datasheet HTML 10Page - ACE Technology Co., LTD. ACE1117C Datasheet HTML 11Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
ACE1117C
1A Bipolar Linear Regulator
VER 1.3
7
Thermal Considerations
We have to take heat dissipation into great consideration when output current or differential voltage of
input and output voltage is large. Because in such cases, the power dissipation consumed by ACE1117C is
very large. ACE1117C series uses SOT-223 package type and its thermal resistance is about 20°C/W.
And the copper area of application board can affect the total thermal resistance. If copper area is 5cm*5cm
(two sides), the resistance is about 30°C/W. So the total thermal resistance is about 20°C/W + 30°C/W. We
can decrease total thermal resistance by increasing copper area in application board. When there is no
good heat dissipation copper are in PCB, the total thermal resistance will be as high as 120°C/W, then the
power dissipation of ACE1117C could allow on itself is less than 1W. And furthermore, ACE1117C will work
at junction temperature higher than 125°C under such condition and no lifetime is guaranteed.
Typical Performance Characteristic
Line Regulation
ACE1117C-ADJ Vout vs. Vin
Vin(V)
Load Regulation
ACE1117C-ADJ Vout vs. Iout
Iout(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com