Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE1117C Datasheet(PDF) 10 Page - ACE Technology Co., LTD.

Part # ACE1117C
Description  1A Bipolar Linear Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1117C Datasheet(HTML) 10 Page - ACE Technology Co., LTD.

Back Button ACE1117C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE1117C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE1117C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE1117C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE1117C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE1117C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE1117C Datasheet HTML 9Page - ACE Technology Co., LTD. ACE1117C Datasheet HTML 10Page - ACE Technology Co., LTD. ACE1117C Datasheet HTML 11Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
ACE1117C
1A Bipolar Linear Regulator
VER 1.3
10
Packing Information
TO-252
Symbol
Min
Nom
Max
A1
0
-
0.10
A2
2.2
2.30
2.40
A3
1.02
1.067
1.12
b
0.75
-
0.84
b1
0.74
0.76
0.79
c
0.49
-
0.57
c1
0.48
0.508
0.52
D
6.50
6.60
6.70
D1
5.3REF
D2
4.70
-
-
E
9.90
10.10
10.30
E1
6.00
6.10
6.20
E2
5.3REF
e
2.286BSC
L
1.40
1.50
1.60
L2
0.90
-
1.25
L3
0.60
0.80
1.00
L4
1.60
1.70
1.80
Θ
0
-
8
。



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com